Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5043M8I-2.7A Datasheet(PDF) 11 Page - Xicor Inc.

Part # X5043M8I-2.7A
Description  CPU Supervisor with 4K SPI EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5043M8I-2.7A Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X5043M8I-2.7A Datasheet HTML 7Page - Xicor Inc. X5043M8I-2.7A Datasheet HTML 8Page - Xicor Inc. X5043M8I-2.7A Datasheet HTML 9Page - Xicor Inc. X5043M8I-2.7A Datasheet HTML 10Page - Xicor Inc. X5043M8I-2.7A Datasheet HTML 11Page - Xicor Inc. X5043M8I-2.7A Datasheet HTML 12Page - Xicor Inc. X5043M8I-2.7A Datasheet HTML 13Page - Xicor Inc. X5043M8I-2.7A Datasheet HTML 14Page - Xicor Inc. X5043M8I-2.7A Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
X5043/X5045
Characteristics subject to change without notice.
11 of 20
REV 1.1.2 5/29/01
www.xicor.com
Equivalent A.C. Load Circuit at 5V VCC
A.C. Test Conditions
5V
Output
30pF
5V
4.6K
RESET/RESET
30pF
1.64K
1.64K
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing level
VCC x0.5
A.C. CHARACTERISTICS (Over recommended operating conditions, unless otherwise specified)
Data Input Timing
Data Output Timing
Notes: (3) This parameter is periodically sampled and not 100% tested.
(4) tWC is the time from the rising edge of CS after a valid write sequence has been sent to the end of the self-timed internal nonvolatile
write cycle.
Symbol
Parameter
2.7V–5.5V
Unit
Min.
Max.
fSCK
Clock Frequency
0
3.3
MHz
tCYC
Cycle Time
300
ns
tLEAD
CS Lead Time
150
ns
tLAG
CS Lag Time
150
ns
tWH
Clock HIGH Time
130
ns
tWL
Clock LOW Time
130
ns
tSU
Data Setup Time
30
ns
tH
Data Hold Time
30
ns
tRI
(3)
Input Rise Time
2
µs
tFI
(3)
Input Fall Time
2
µs
tCS
CS Deselect Time
100
ns
tWC
(4)
Write Cycle Time
10
ms
Symbol
Parameter
2.7–5.5V
Unit
Min.
Max.
fSCK
Clock Frequency
0
3.3
MHz
tDIS
Output Disable Time
150
ns
tV
Output Valid from Clock Low
120
ns
tHO
Output Hold Time
0
ns
tRO
(3)
Output Rise Time
50
ns
tFO
(3)
Output Fall Time
50
ns


Similar Part No. - X5043M8I-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043M8I-2.7A INTERSIL-X5043M8I-2.7A Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043M8I-2.7A INTERSIL-X5043M8I-2.7A Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
More results

Similar Description - X5043M8I-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043 INTERSIL-X5043_06 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZT1 INTERSIL-X5043S8IZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8ZT1 INTERSIL-X5043S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8ZT1 INTERSIL-X5045S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZ INTERSIL-X5043S8IZ Datasheet
399Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
September 23, 2015
logo
Renesas Technology Corp
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
   4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com