Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1200E Datasheet(PDF) 2 Page - Weitron Technology

Part # B1200E
Description  Reverse Voltage 20 to 200V Forward Current 1.0A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

B1200E Datasheet(HTML) 2 Page - Weitron Technology

  B1200E Datasheet HTML 1Page - Weitron Technology B1200E Datasheet HTML 2Page - Weitron Technology B1200E Datasheet HTML 3Page - Weitron Technology B1200E Datasheet HTML 4Page - Weitron Technology B1200E Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2.Ratings and Characteristic Curves ( TA = 25 C unless otherwise noted )
Fig. 1
Forward Current Derating Curve
0
25 50 75 100 125 150 175
1.0
0.5
0
60 Hz
Resistive or
Inductive Load
Case Temperature,
Fig 4.
Typical Reverse Characteristics
0
20
40
60
80
10
1.0
0.1
0.01
0.001
Percent of Rated Peak Reverse Voltage (%)
Tj=125
Tj=75
Tj=25
Fig 6.
Typical Junction Capacitance
0.1
1
10
1000
100
10
TJ = 25 C
f = 1.0 MHz
Vsig =
Reverse Voltage (V)
Fig 5. typical transient thermal
impedance
100
10
1
1000
0.01
0.1
1.0
10
100
t,Pulse duration,sec
Fig. 2
Maximum Non-repetitive Peak
Forward Surge Current
1
10
100
22
11
0
TJ = TJ max
8.3ms Single Half
Sine-wave
Number of Cycles at 60Hz
TJ = 25! C
Pulse width = 300µs
1% Duty Cycle
10
1.0
0.1
0.01
100
Fig 3.
Typical Instantaneous Forward
Characteristics
0.2
0.4
0.6
0.8
1.0
1.2
Instantaneous Forward Voltage (V)
TJ = 25 C
Pulse width = 300µs
1% Duty Cycle
B120E thru B1200E
WEITRON
http://www.weitron.com.tw
2/5
05-May-2016


Similar Part No. - B1200E

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
B1200 CTC-B1200 Datasheet
54Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B1200 WEITRON-B1200 Datasheet
144Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Compact Technology Corp...
B1200 CTC-B1200 Datasheet
75Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Tripp Lite. All Rights ...
B120000 TRIPPLITE-B120000 Datasheet
507Kb / 2P
   DVI Extender Equalizer, Dual-Link Video Repeater,2560x1600 at 60Hz (DVI F-F)
B120000SL TRIPPLITE-B120000SL Datasheet
507Kb / 2P
   DVI Extender Equalizer, Single-Link Video Repeater,1920x1200 at 60Hz - 1080p (DVI F-F)
More results

Similar Description - B1200E

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
B120F WEITRON-B120F Datasheet
1Mb / 6P
   Reverse Voltage 20 to 200V Forward Current 1.0A
logo
Leshan Radio Company
LMBR1200FT1G LRC-LMBR1200FT1G Datasheet
172Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
AiT Semiconductor Inc.
MBR120F AITSEMI-MBR120F Datasheet
435Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1.0A
REV2.0
logo
Leshan Radio Company
LMBR120ET1G LRC-LMBR120ET1G Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
First Silicon Co., Ltd
FDR120F FS-FDR120F Datasheet
276Kb / 3P
   Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
AiT Semiconductor Inc.
SM1100A AITSEMI-SM1100A Datasheet
571Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
SM120A AITSEMI-SM120A Datasheet
571Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
MBR120E AITSEMI-MBR120E Datasheet
484Kb / 5P
   SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV1.1
SM520A AITSEMI-SM520A Datasheet
486Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 5.0A
REV1.0
SM320A AITSEMI-SM320A Datasheet
722Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 3.0A
REV1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com