Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5043PI-2.7A Datasheet(PDF) 2 Page - Xicor Inc.

Part # X5043PI-2.7A
Description  CPU Supervisor with 4K SPI EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5043PI-2.7A Datasheet(HTML) 2 Page - Xicor Inc.

  X5043PI-2.7A Datasheet HTML 1Page - Xicor Inc. X5043PI-2.7A Datasheet HTML 2Page - Xicor Inc. X5043PI-2.7A Datasheet HTML 3Page - Xicor Inc. X5043PI-2.7A Datasheet HTML 4Page - Xicor Inc. X5043PI-2.7A Datasheet HTML 5Page - Xicor Inc. X5043PI-2.7A Datasheet HTML 6Page - Xicor Inc. X5043PI-2.7A Datasheet HTML 7Page - Xicor Inc. X5043PI-2.7A Datasheet HTML 8Page - Xicor Inc. X5043PI-2.7A Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
X5043/X5045
Characteristics subject to change without notice.
2 of 20
REV 1.1.2 5/29/01
www.xicor.com
The memory portion of the device is a CMOS Serial
EEPROM array with Xicor’s block lock protection. The
array is internally organized as x 8. The device features
a Serial Peripheral Interface (SPI) and software proto-
col allowing operation on a simple four-wire bus.
The device utilizes Xicor’s proprietary Direct Write
cell, providing a minimum endurance of 1,000,000
cycles and a minimum data retention of 100 years.
PIN CONFIGURATION
PIN DESCRIPTIONS
Serial Output (SO)
SO is a push/pull serial data output pin. During a read
cycle, data is shifted out on this pin. Data is clocked out
by the falling edge of the serial clock.
Serial Input (SI)
SI is the serial data input pin. All opcodes, byte
addresses, and data to be written to the memory are
input on this pin. Data is latched by the rising edge of
the serial clock.
Serial Clock (SCK)
The Serial Clock controls the serial bus timing for data
input and output. Opcodes, addresses, or data present
on the SI pin is latched on the rising edge of the clock
input, while data on the SO pin changes after the fall-
ing edge of the clock input.
Chip Select (CS)
When CS is high, the X5043/45 is deselected and the
SO output pin is at high impedance and, unless an
internal write operation is underway, the X5043/45 will
be in the standby power mode. CS low enables the
X5043/45, placing it in the active power mode. It should
be noted that after power-up, a high to low transition on
CS is required prior to the start of any operation.
Write Protect (WP)
When WP is low, nonvolatile writes to the X5043/45 are
disabled, but the part otherwise functions normally.
When WP is held high, all functions, including non vol-
atile writes operate normally. WP going low while CS is
still low will interrupt a write to the X5043/45. If the
internal write cycle has already been initiated, WP
going low will have no affect on a write.
Reset (RESET, RESET)
X5043/45, RESET/RESET is an active low/HIGH,
open drain output which goes active whenever VCC
falls below the minimum VCC sense level. It will remain
active until VCC rises above the minimum VCC sense
level for 200ms. RESET/RESET also goes active if the
Watchdog timer is enabled and CS remains either high
or low longer than the Watchdog time out period. A fall-
ing edge of CS will reset the watchdog timer.
PIN NAMES
8-Lead SOIC/PDIP/MSOP
CS/WDI
WP
SO
1
2
3
4
RESET/RESET
8
7
6
5
VCC
X5043/45
VSS
SCK
SI
14-Lead TSSOP
CS
NC
SO
1
2
3
4
RESET/RESET
14
13
12
11
VCC
X5043/45
NC
NC
NC
WP
NC
5
6
7
VSS
NC
10
9
8
SCK
SI
Symbol
Description
CS
Chip Select Input
SO
Serial Output
SI
Serial Input
SCK
Serial Clock Input
WP
Write Protect Input
VSS
Ground
VCC
Supply Voltage
RESET/RESET
Reset Output


Similar Part No. - X5043PI-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043PI-2.7A INTERSIL-X5043PI-2.7A Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043PI-2.7A INTERSIL-X5043PI-2.7A Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
More results

Similar Description - X5043PI-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5043 INTERSIL-X5043 Datasheet
404Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8IZ-4.5A INTERSIL-X5045S8IZ-4.5A Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043 INTERSIL-X5043_06 Datasheet
402Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZT1 INTERSIL-X5043S8IZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8ZT1 INTERSIL-X5043S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5045S8ZT1 INTERSIL-X5045S8ZT1 Datasheet
409Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
X5043S8IZ INTERSIL-X5043S8IZ Datasheet
399Kb / 21P
   CPU Supervisor with 4K SPI EEPROM
September 23, 2015
logo
Renesas Technology Corp
X5043 RENESAS-X5043 Datasheet
844Kb / 21P
   4K, 512 x 8 Bit CPU Supervisor with 4K SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
   CPU Supervisor with 32kBit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com