Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F12985 Datasheet(PDF) 6 Page - Cree, Inc

Part # F12985
Description  Crystal series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

F12985 Datasheet(HTML) 6 Page - Cree, Inc

Back Button F12985 Datasheet HTML 2Page - Cree, Inc F12985 Datasheet HTML 3Page - Cree, Inc F12985 Datasheet HTML 4Page - Cree, Inc F12985 Datasheet HTML 5Page - Cree, Inc F12985 Datasheet HTML 6Page - Cree, Inc F12985 Datasheet HTML 7Page - Cree, Inc F12985 Datasheet HTML 8Page - Cree, Inc F12985 Datasheet HTML 9Page - Cree, Inc F12985 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
0%
25%
50%
75%
100%
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
Relative intensity of CN13595_CRYSTAL-MINE_(NCSxx19B)
0-180


Similar Part No. - F12985

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F12985 LEDIL-F12985 Datasheet
2Mb / 6P
   ~4.9째 spot beam especially designed for mining headlamps
More results

Similar Description - F12985

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN13595 CREE-FCN13595 Datasheet
1Mb / 28P
   Crystal series
FCN13552 CREE-FCN13552 Datasheet
713Kb / 19P
   Crystal series
F12916 CREE-F12916 Datasheet
110Kb / 7P
   Crystal series
logo
MMD Components
WC415 MMD-WC415_12 Datasheet
95Kb / 2P
   WC415 Series Crystal
WC519 MMD-WC519_12 Datasheet
98Kb / 2P
   WC519 Series Crystal
WC315 MMD-WC315 Datasheet
64Kb / 1P
   32.768KHZ Crystal Series
A MMD-A_13 Datasheet
74Kb / 3P
   A Series Crystal
WC146SM MMD-WC146SM_12 Datasheet
114Kb / 2P
   WC146SM Series Crystal
WC415 MMD-WC415 Datasheet
60Kb / 1P
   32.768KHZ Crystal Series
WC519 MMD-WC519 Datasheet
64Kb / 1P
   32.768KHZ Crystal Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com