Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ24 Datasheet(PDF) 3 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SMCJ24
Description  Surface Mount Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SMCJ24 Datasheet(HTML) 3 Page - Shanghai Shunye Electronics Co.,Ltd.

  SMCJ24 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SMCJ24 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. SMCJ24 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. SMCJ24 Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
Ratings at 25oC ambient temperature unless otherwise specified. V
F=3.5V at IF=100A (uni-directional only)
e
p
y
t
e
c
i
v
e
D
g
n
i
k
r
a
m
e
c
i
v
e
D
e
d
o
c
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
t
l
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
v
V
M
W
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
r
e
g
a
k
a
e
l
V
t
a
M
W
I
D
)
3
(
(u )
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
e
g
r
u
s
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
e
g
a
t
l
o
v
I
t
a
M
P
P
V
C
)
s
t
l
o
V
(
I
N
UI
B.
n
i
M.
x
a
M
3
3
J
C
M
SL
F
GL
F
B7
.
6
39
.
4
40
.
13
30
.
14
.
5
20
.
9
5
A
3
3
J
C
M
SM
F
GM
F
B7
.
6
36
.
0
40
.
13
30
.
11
.
8
23
.
3
5
6
3
J
C
M
SN
F
GN
F
B0
.
0
49
.
8
40
.
16
30
.
13
.
3
23
.
4
6
A
6
3
J
C
M
SP
F
GP
F
B0
.
0
42
.
4
40
.
16
30
.
18
.
5
21
.
8
5
0
4
J
C
M
SQ
F
GQ
F
B4
.
4
43
.
4
50
.
10
40
.
10
.
1
24
.
1
7
A
0
4
J
C
M
SR
F
GR
F
B4
.
4
41
.
9
40
.
10
40
.
13
.
3
25
.
4
6
3
4
J
C
M
SS
F
GS
F
B8
.
7
44
.
8
50
.
13
40
.
16
.
9
17
.
6
7
A
3
4
J
C
M
ST
F
GT
F
B8
.
7
48
.
2
50
.
13
40
.
16
.
1
24
.
9
6
5
4
J
C
M
SU
F
GU
F
B0
.
0
51
.
1
60
.
15
40
.
17
.
8
13
.
0
8
A
5
4
J
C
M
SV
F
GV
F
B0
.
0
53
.
5
50
.
15
40
.
16
.
0
27
.
2
7
8
4
J
C
M
SW
F
GW
F
B3
.
3
51
.
5
60
.
18
40
.
15
.
7
15
.
5
8
A
8
4
J
C
M
SX
F
GX
F
B3
.
3
59
.
8
50
.
18
40
.
14
.
9
14
.
7
7
1
5
J
C
M
SY
F
GY
F
B7
.
6
53
.
9
60
.
11
50
.
15
.
6
11
.
1
9
A
1
5
J
C
M
SZ
F
GZ
F
B7
.
6
57
.
2
60
.
11
50
.
12
.
8
14
.
2
8
4
5
J
C
M
SD
G
GD
G
B0
.
0
63
.
3
70
.
14
50
.
16
.
5
13
.
6
9
A
4
5
J
C
M
SE
G
GE
G
B0
.
0
63
.
6
60
.
14
50
.
12
.
7
11
.
7
8
8
5
J
C
M
SF
G
GF
G
B4
.
4
67
.
8
70
.
18
50
.
16
.
4
13
0
1
A
8
5
J
C
M
SG
G
GG
G
B4
.
4
62
.
1
70
.
18
50
.
10
.
6
13
9
0
6
J
C
M
SH
G
GH
G
B7
.
6
65
.
1
80
.
10
60
.
10
.
4
17
0
1
A
0
6
J
C
M
SK
G
GK
G
B7
.
6
67
.
3
70
.
10
60
.
15
.
5
16
9
4
6
J
C
M
SL
G
GL
G
B1
.
1
79
.
6
80
.
14
60
.
12
.
3
14
1
1
A
4
6
J
C
M
SM
G
GM
G
B1
.
1
76
.
8
70
.
14
60
.
16
.
4
13
0
1
0
7
J
C
M
SN
G
GN
G
B8
.
7
71
.
5
90
.
10
70
.
10
.
2
15
2
1
A
0
7
J
C
M
SP
G
GP
G
B8
.
7
70
.
6
80
.
10
70
.
13
.
3
13
1
1
5
7
J
C
M
SQ
G
GQ
G
B3
.
3
82
0
10
.
15
70
.
12
.
1
14
3
1
A
5
7
J
C
M
SR
G
GR
G
B3
.
3
81
.
2
90
.
15
70
.
14
.
2
11
2
1
8
7
J
C
M
SS
G
GS
G
B7
.
6
86
0
10
.
18
70
.
18
.
0
19
3
1
A
8
7
J
C
M
ST
G
GT
G
B7
.
6
88
.
5
90
.
18
70
.
19
.
1
16
2
1
5
8
J
C
M
SU
G
GU
G
B4
.
4
95
1
10
.
15
80
.
19
.
91
5
1
A
5
8
J
C
M
SV
G
GV
G
B4
.
4
94
0
10
.
15
80
.
19
.
0
17
3
1
0
9
J
C
M
SW
G
GW
G
B0
0
12
2
10
.
10
90
.
14
.
90
6
1
A
0
9
J
C
M
SX
G
GX
G
B0
0
11
1
10
.
10
90
.
13
.
0
16
4
1
0
0
1
J
C
M
SY
G
GY
G
B1
1
16
3
10
.
10
0
10
.
14
.
89
7
1
A
0
0
1
J
C
M
SZ
G
GZ
G
B1
1
13
2
10
.
10
0
10
.
13
.
92
6
1
0
1
1
J
C
M
SD
H
GD
H
B2
2
19
4
10
.
10
1
10
.
17
.
76
9
1
A
0
1
1
J
C
M
SE
H
GE
H
B2
2
15
3
10
.
10
1
10
.
15
.
87
7
1
0
2
1
J
C
M
SF
H
GF
H
B3
3
13
6
10
.
10
2
10
.
10
.
74
1
2
A
0
2
1
J
C
M
SG
H
GG
H
B3
3
17
4
10
.
10
2
10
.
18
.
73
9
1
0
3
1
J
C
M
SH
H
GH
H
B4
4
16
7
10
.
10
3
10
.
15
.
61
3
2
A
0
3
1
J
C
M
SK
H
GK
H
B4
4
19
5
10
.
10
3
10
.
12
.
79
0
2
0
5
1
J
C
M
SL
H
GL
H
B7
6
14
0
20
.
10
5
10
.
16
.
58
6
2
A
0
5
1
J
C
M
SM
H
GM
H
B7
6
15
8
10
.
10
5
10
.
12
.
63
4
2
0
6
1
J
C
M
SN
H
GN
H
B8
7
18
1
20
.
10
6
10
.
12
.
57
8
2
A
0
6
1
J
C
M
SP
H
GP
H
B8
7
17
9
10
.
10
6
10
.
18
.
59
5
2
0
7
1
J
C
M
SQ
H
GQ
H
B9
8
11
3
20
.
10
7
10
.
19
.
44
0
3
A
0
7
1
J
C
M
SR
H
GR
H
B9
8
19
0
20
.
10
7
10
.
15
.
55
7
2
8
8
1
J
C
M
SS
H
GS
H
B9
0
25
5
20
.
18
8
10
.
14
.
44
4
3
A
8
8
1
J
C
M
ST
H
GT
H
B9
0
21
3
20
.
18
8
10
.
16
.
48
2
3
Notes:
1. V
(BR) measured after IT applied for 300us square wave pulse or equivalent
2. Surge current waveform per Fig. 3 and derate per Fig. 2
3. For bi-directional types having V
WM of 10 Volts and less, the ID limit is doubled
4. All terms and symbols are consistent with ANSI/IEEE C62.35
www.shunyegroup.com.cn


Similar Part No. - SMCJ24

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ24 DCCOM-SMCJ24 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMCJ24 PACELEADER-SMCJ24 Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
SMCJ24 ANOVA-SMCJ24 Datasheet
312Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Yangzhou yangjie electr...
SMCJ24 YANGJIE-SMCJ24 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Formosa MS
SMCJ24 FORMOSA-SMCJ24 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMCJ24

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com