Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ22 Datasheet(PDF) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SMCJ22
Description  Surface Mount Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SMCJ22 Datasheet(HTML) 1 Page - Shanghai Shunye Electronics Co.,Ltd.

  SMCJ22 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SMCJ22 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. SMCJ22 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. SMCJ22 Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
a
t
a
D
l
a
c
i
n
a
h
c
e
M
s
e
r
u
t
a
e
F
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
m
r
e
h
T
d
n
a
s
g
n
i
t
a
R
m
u
m
i
x
a
M
(Ratings at 25oC ambient temperature unless otherwise specified.)
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Low profile package with built-in strain relief for surface
mounted applications
Glass passivated junction
Low incremental surge resistance, excellent clamping capability
1500W peak pulse power capability with a 10/1000us
waveform, repetition rate (duty cycle): 0.01%
Very fast response time
High temperature soldering guaranteed:
250oC/10 seconds at terminals
Case: JEDEC DO-214AB(SMC J-Bend) molded plastic over
passivated junction
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: For unidirectional types the band denotes the cathode,
which is positive with respect to the anode under normal TVS
operation
Weight: 0.007oz., 0.21g
A
C
8
8
1
u
r
h
t
0
.
5
J
C
M
S
s
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
t
n
u
o
M
e
c
a
f
r
u
S
V
8
8
1
o
t
0
.
5
e
g
a
t
l
o
V
f
f
o
-
d
n
a
t
S
W
0
0
5
1
r
e
w
o
P
e
s
l
u
P
k
a
e
P
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Se
u
l
a
Vt
i
n
U
h
t
i
w
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
p
e
s
l
u
p
k
a
e
P
0
0
0
1
/
0
1
a
u
m
r
o
f
e
v
a
w
s
)
2
(
)
1
(
P
M
P
P
0
0
5
1
m
u
m
i
n
i
MW
0
0
0
1
/
0
1
a
h
t
i
w
t
n
e
r
r
u
c
e
s
l
u
p
k
a
e
P
u
m
r
o
f
e
v
a
w
s
)
1
(
I
M
P
P
e
l
b
a
T
t
x
e
N
e
e
SA
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
y
l
n
o
l
a
n
o
i
t
c
e
r
i
d
-
i
n
u
)
2
(
I
M
S
F
0
0
2A
t
n
e
i
b
m
a
o
t
n
o
i
t
c
n
u
j
,
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
T
)
3
(
Rθ
A
J
5
7
o
W
/
C
d
a
e
l
o
t
n
o
i
t
c
n
u
j
,
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
l
a
c
i
p
y
TRθ
L
J
5
1
o
W
/
C
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
s
d
n
a
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
T
,
G
T
S
0
5
1
+
o
t
5
5
-
oC
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above T
A=25
oC per Fig. 2
2. Mounted on 0.31 x 0.31" (8.0 x 8.0 mm) copper pads to each terminal
3. Mounted on minimum recommended pad layout
Devices for Bidirectional Applications
For bi-directional devices, use suffix CA (e.g. SMCJ10CA). Electrical characteristics apply in both directions.
www.shunyegroup.com.cn


Similar Part No. - SMCJ22

ManufacturerPart #DatasheetDescription
logo
Dc Components
SMCJ22 DCCOM-SMCJ22 Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMCJ22 PACELEADER-SMCJ22 Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
SMCJ22 YANGJIE-SMCJ22 Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIERT VOLTAGE SUPPRESSOR
logo
Anova Technologies CO.,...
SMCJ22 ANOVA-SMCJ22 Datasheet
312Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Formosa MS
SMCJ22 FORMOSA-SMCJ22 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
More results

Similar Description - SMCJ22

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com