Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X5163V14 Datasheet(PDF) 11 Page - Xicor Inc.

Part # X5163V14
Description  CPU Supervisor with 16Kbit SPI EEPROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5163V14 Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X5163V14 Datasheet HTML 7Page - Xicor Inc. X5163V14 Datasheet HTML 8Page - Xicor Inc. X5163V14 Datasheet HTML 9Page - Xicor Inc. X5163V14 Datasheet HTML 10Page - Xicor Inc. X5163V14 Datasheet HTML 11Page - Xicor Inc. X5163V14 Datasheet HTML 12Page - Xicor Inc. X5163V14 Datasheet HTML 13Page - Xicor Inc. X5163V14 Datasheet HTML 14Page - Xicor Inc. X5163V14 Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
X5163/X5165 – Preliminary Information
Characteristics subject to change without notice.
11 of 21
REV 1.1 3/5/01
www.xicor.com
ABSOLUTE MAXIMUM RATINGS
Temperature under bias ........................–65 to +135°C
Storage temperature .............................–65 to +150°C
Voltage on any pin with
respect to VSS ......................................–1.0V to +7V
D.C. output current ............................................... 5mA
Lead temperature (soldering, 10 seconds)........ 300°C
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; the functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0°C
70°C
Industrial
–40°C
+85°C
Device Option
Supply Voltage
–2.7 or -2.7A
2.7V to 5.5V
Blank or -4.5A
4.5V-5.5V
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
Symbol
Parameter
Limits
Unit
Test Conditions
Min.
Typ.
Max.
ICC1
VCC Write Current (Active)
5
mA
SCK = VCC x 0.1/VCC x 0.9 @ 2MHz,
SO = Open
ICC2
VCC Read Current (Active)
0.4
mA
SCK = VCC x 0.1/VCC x 0.9 @ 2MHz,
SO = Open
ISB1
VCC Standby Current
WDT = OFF
1
µA
CS = VCC, VIN = VSS or VCC,
VCC = 5.5V
ISB2
VCC Standby Current
WDT = ON
50
µA
CS = VCC, VIN = VSS or VCC,
VCC = 5.5V
ISB3
VCC Standby Current
WDT = ON
20
µA
CS = VCC, VIN = VSS or VCC,
VCC = 3.6V
ILI
Input Leakage Current
0.1
10
µA
VIN = VSS to VCC
ILO
Output Leakage Current
0.1
10
µA
VOUT = VSS to VCC
VIL
(1)
Input LOW Voltage
–0.5
VCC x 0.3
V
VIH
(1)
Input HIGH Voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output LOW Voltage
0.4
V
VCC > 3.3V, IOL = 2.1mA
VOL2
Output LOW Voltage
0.4
V
2V < VCC
3.3V, I
OL = 1mA
VOL3
Output LOW Voltage
0.4
V
VCC
2V, I
OL = 0.5mA
VOH1
Output HIGH Voltage
VCC – 0.8
V
VCC > 3.3V, IOH = –1.0mA
VOH2
Output HIGH Voltage
VCC – 0.4
V
2V < VCC
3.3V, I
OH = –0.4mA
VOH3
Output HIGH Voltage
VCC – 0.2
V
VCC
2V, I
OH = –0.25mA
VOLS
Reset Output LOW Voltage
0.4
V
IOL = 1mA


Similar Part No. - X5163V14

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5163V14 INTERSIL-X5163V14 Datasheet
365Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM Description
X5163V14 INTERSIL-X5163V14 Datasheet
365Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5163V14 RENESAS-X5163V14 Datasheet
871Kb / 22P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5163V14-2.7 INTERSIL-X5163V14-2.7 Datasheet
365Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM Description
X5163V14-2.7 INTERSIL-X5163V14-2.7 Datasheet
365Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
More results

Similar Description - X5163V14

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5163S INTERSIL-X5163S Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
X5163 INTERSIL-X5163_06 Datasheet
365Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
   CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
   CPU Supervisor with 16Kbit SPI EEPROM
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5163 RENESAS-X5163 Datasheet
871Kb / 22P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5165S8IZ INTERSIL-X5165S8IZ Datasheet
371Kb / 21P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Renesas Technology Corp
X5168 RENESAS-X5168 Datasheet
811Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5163 INTERSIL-X5163 Datasheet
365Kb / 20P
   CPU Supervisor with 16Kbit SPI EEPROM Description
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
   CPU Supervisor with 9Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com