Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDBK2040-A Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LDBK2040-A
Description  ROUND TYPE LED LAMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LDBK2040-A Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LDBK2040-A Datasheet HTML 1Page - LIGITEK electronics co., ltd. LDBK2040-A Datasheet HTML 2Page - LIGITEK electronics co., ltd. LDBK2040-A Datasheet HTML 3Page - LIGITEK electronics co., ltd. LDBK2040-A Datasheet HTML 4Page - LIGITEK electronics co., ltd. LDBK2040-A Datasheet HTML 5Page - LIGITEK electronics co., ltd. LDBK2040-A Datasheet HTML 6Page - LIGITEK electronics co., ltd. LDBK2040-A Datasheet HTML 7Page - LIGITEK electronics co., ltd. LDBK2040-A Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
700
550
A16
1800
1500
A20
1500
1100
A19
477
474
0A
Page
3/7
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LDBK2040/A
DBK CHIP
Brightness Code For Standard LED Lamps
0B
474
471
0C
Group
471
Wave length(nm) at 20 mA
Max.
Min.
468
A17
900
700
1100
900
Max.
Min.
A18
Group
Luminous Intensity(mcd) at 20 mA
A21
1800
2200
2700
2200
A22
2700
A23
3400


Similar Part No. - LDBK2040-A

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDBK2040-A-A01 LIGITEK-LDBK2040-A-A01 Datasheet
218Kb / 8P
   ROUND TYPE LED LAMPS
More results

Similar Description - LDBK2040-A

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LDBK13733-OD LIGITEK-LDBK13733-OD Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13740 LIGITEK-LDBK13740 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13742-OD LIGITEK-LDBK13742-OD Datasheet
115Kb / 6P
   ROUND TYPE LED LAMPS
LDBK32243 LIGITEK-LDBK32243 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK42443Z-S10 LIGITEK-LDBK42443Z-S10 Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK63233-P1 LIGITEK-LDBK63233-P1 Datasheet
99Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com