Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F100S8 Datasheet(PDF) 11 Page - Xicor Inc.

Part # X76F100S8
Description  1K 128 x 8 Bit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F100S8 Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X76F100S8 Datasheet HTML 7Page - Xicor Inc. X76F100S8 Datasheet HTML 8Page - Xicor Inc. X76F100S8 Datasheet HTML 9Page - Xicor Inc. X76F100S8 Datasheet HTML 10Page - Xicor Inc. X76F100S8 Datasheet HTML 11Page - Xicor Inc. X76F100S8 Datasheet HTML 12Page - Xicor Inc. X76F100S8 Datasheet HTML 13Page - Xicor Inc. X76F100S8 Datasheet HTML 14Page - Xicor Inc. X76F100S8 Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
X76F100
Characteristics subject to change without notice.
11 of 16
REV 1.0 6/22/00
www.xicor.com
RST Timing Diagram—Response to a Synchronous Reset
GUIDELINES FOR CALCULATING TYPICAL VALUES OF BUS PULL UP RESISTORS
tRST
tNOL
tHIGH_RST
tLOW_RST
tCDV
tRDV
tSU:RST
Data Bit (1)
Data Bit (2)
1st
CLK
Pulse
2nd
CLK
Pulse
3rd
CLK
Pulse
CS
I/O
CLK
RST
tNOL
tSR
Data Bit (N)
Data Bit (N+1)
CS
I/O
CLK
RST
tDHZ
(N+2)
100
80
60
40
20
Bus Capacitance in pF
RMIN
RMAX
20
40
60
80
100
R
MIN
V
CCMAX
I
OLMIN
--------------------------1.8
K
==
R
MAX
t
R
C
BUS
------------------
=
tR = maximum allowable SDA rise time


Similar Part No. - X76F100S8

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
logo
Xicor Inc.
X76F101-3 XICOR-X76F101-3 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101H ICMIC-X76F101H Datasheet
371Kb / 17P
   Secure SerialFlash
X76F101H-3.0 ICMIC-X76F101H-3.0 Datasheet
371Kb / 17P
   Secure SerialFlash
More results

Similar Description - X76F100S8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
   1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
logo
Microchip Technology
ER5911 MICROCHIP-ER5911 Datasheet
421Kb / 8P
   1K (128 X 8 OR 64 X 16) SERIAL ELECTRICALLY ERASABLE PROM
1989
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
logo
Cypress Semiconductor
CY7C281A CYPRESS-CY7C281A Datasheet
137Kb / 8P
   1K x 8 PROM
CY7C281A CYPRESS-CY7C281A_06 Datasheet
266Kb / 8P
   1K x 8 PROM
logo
Mitsubishi Electric Sem...
M66222SP MITSUBISHI-M66222SP Datasheet
107Kb / 8P
   128 x 8-BIT x 2 MAIL-BOX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com