Electronic Components Datasheet Search |
|
V48SH05017NNFA Datasheet(PDF) 1 Page - Delta Electronics, Inc. |
|
V48SH05017NNFA Datasheet(HTML) 1 Page - Delta Electronics, Inc. |
1 / 14 page DATASHEET DS_V48SH05017_10282013 FEATURES High efficiency: 91.5% @ 5V/17A Size: 33.0x22.8x9.5mm ( 1.30”x0.90”x0.37”) ( W/O heat-spreader ) 33.0x22.8x12.7mm ( 1.30”x0.90”x0.50”) ( With heat-spreader ) Industry standard footprint and pinout Fixed frequency operation SMD and through-hole versions Input UVLO OTP and output OCP, OVP Output voltage trim: -20%, +10% Monotonic startup into normal and pre-biased loads 1500V isolation and basic insulation No minimum load required No negative current during power or enable on/off ISO 9001, TL 9000, ISO 14001, QS 9000, OHSAS18001 certified manufacturing facility UL/cUL 60950-1 (US & Canada) Recognized APPLICATIONS Optical Transport Data Networking Communications Servers OPTIONS SMD pins Positive remote On/Off Heat spreader Delphi Series V48SH, 1/16 th Brick 100W DC/DC Power Modules: 48V in, 5V, 17A out The Delphi Series V48SH, 1/16 th Brick, 48V input, single output, isolated DC/DC converter, is the latest offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. This product family provides up to 100 watts of power or 40A of output current (1.8V and below) in an industry standard 1/16 th brick form factor (1.30” x 0.90”). The 5V provides up to 91.5% efficiency at full load. With creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions. All modules are protected from abnormal input/output voltage, current, and temperature conditions. For lower power needs, but in a similar small form factor, please check out Delta V36SE (50W), S48SP (36W or 10A) and S36SE (17W or 5A) series standard DC/DC modules. |
Similar Part No. - V48SH05017NNFA |
|
Similar Description - V48SH05017NNFA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |