Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V48SR Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # V48SR
Description  Fixed frequency operation
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

V48SR Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  V48SR Datasheet HTML 1Page - Delta Electronics, Inc. V48SR Datasheet HTML 2Page - Delta Electronics, Inc. V48SR Datasheet HTML 3Page - Delta Electronics, Inc. V48SR Datasheet HTML 4Page - Delta Electronics, Inc. V48SR Datasheet HTML 5Page - Delta Electronics, Inc. V48SR Datasheet HTML 6Page - Delta Electronics, Inc. V48SR Datasheet HTML 7Page - Delta Electronics, Inc. V48SR Datasheet HTML 8Page - Delta Electronics, Inc. V48SR Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATASHEET
DS_V48SR15004_05232014
FEATURES
High efficiency: 90.5% @ 15V/4.4A
Size: 33.0 x 22.9 x 9.5 mm
(
1.30”x0.90”x0.37”)
Industry standard footprint and pinout
Fixed frequency operation
SMD and through-hole versions
Input UVLO and OVP
OTP and output OCP, OVP
Output voltage trim: -15%, +10%
Monotonic startup into normal and
pre-biased loads
2250V isolation and basic insulation
No minimum load required
No negative current during power or
enable on/off
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS18001 certified manufacturing
facility
UL/cUL 60950 (US & Canada) recognized
APPLICATIONS
Optical Transport
Data Networking
Communications
Servers
OPTIONS
SMD pins
Positive remote On/Off
OTP and output OVP, OCP mode
(auto-restart or latch)
Delphi Series V48SR, 1/16
th Brick 66W
The Delphi Series V48SR, 1/16
th Brick, 48V input, single output,
isolated DC/DC converter, is the latest offering from a world leader in
power systems technology and manufacturing ― Delta Electronics, Inc.
This product family provides up to 66 watts of power or 25A of output
current (1.8V and below) in an industry standard 1/16
th brick form factor
(1.30” x 0.90”). The 15V output offers one of the highest output currents
available and provides up to 90.5% efficiency at full load. With creative
design technology and optimization of component placement, these
converters possess outstanding electrical and thermal performance, as
well as extremely high reliability under highly stressful operating
conditions. All modules are protected from abnormal input/output voltage,
current, and temperature conditions. For lower power needs with the 15V
output, but in a similar small form factor, please check out Delta S48SP
(36W or 15V/2.3A) and S48SE (17W or 15V/1A) series standard DC/DC
modules.


Similar Part No. - V48SR

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SR05013 DELTA-V48SR05013 Datasheet
957Kb / 14P
   Industry standard footprint and pinout
V48SR05013NRFA DELTA-V48SR05013NRFA Datasheet
787Kb / 14P
   Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 1.2V, 25A out
V48SR05013NRFA DELTA-V48SR05013NRFA Datasheet
976Kb / 13P
   Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 12V, 5.5A out
V48SR12005 DELTA-V48SR12005 Datasheet
535Kb / 13P
   Fixed frequency operation
V48SR12005NRFA DELTA-V48SR12005NRFA Datasheet
787Kb / 14P
   Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 1.2V, 25A out
More results

Similar Description - V48SR

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM24S0A0 DELTA-IPM24S0A0 Datasheet
839Kb / 14P
   Fixed frequency operation
V48SR12005 DELTA-V48SR12005 Datasheet
535Kb / 13P
   Fixed frequency operation
DNT12SIP03 DELTA-DNT12SIP03 Datasheet
631Kb / 12P
   Fixed frequency operation
E48SP12020 DELTA-E48SP12020 Datasheet
475Kb / 15P
   Fixed frequency operation
T48SR DELTA-T48SR Datasheet
439Kb / 12P
   Fixed frequency operation
H48SA28016 DELTA-H48SA28016 Datasheet
569Kb / 13P
   Fixed frequency operation
L36SA12004 DELTA-L36SA12004 Datasheet
550Kb / 13P
   Fixed frequency operation
IPM24S0B0 DELTA-IPM24S0B0 Datasheet
734Kb / 14P
   Fixed frequency operation
V48SC DELTA-V48SC Datasheet
1Mb / 17P
   Fixed frequency operation
E48SC12010 DELTA-E48SC12010 Datasheet
970Kb / 18P
   Fixed frequency operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com