Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

07TDVST2 Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # 07TDVST2
Description  VERTICAL 3-PHASE 3-WIRE FILTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

07TDVST2 Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  07TDVST2 Datasheet HTML 1Page - Delta Electronics, Inc. 07TDVST2 Datasheet HTML 2Page - Delta Electronics, Inc. 07TDVST2 Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
L1
L2
L1
L2
G
Cx1
Cx1
Cx1
Cx2
Cx2
Cx2
R2
Cy
Cx3
A
R1
T' D
S'
O
R' L
G'
N
T
E
S
I
R
L
16/30TDVST2-1
SERIES
3-PHASE FILTERS
ELECTRICAL SCHEMATIC
1. Applications: Electric equipment, UPS, machine tool,
copy machine, automation equipment, robot, AC motor drive
2. Voltage rating: 480VAC
3. Operating frequency: 50/60Hz
INTRODUCTIONS
MINIMUM INSERTION LOSS IN dB
COMPONENTS
07TDVST2-1
3.3
-
2.52
4.5
1M
16TDVST2-1
3.3
2.2
3.3
1.77
30TDVST2-1
3.3
1.1
9
42TDVST2-1
3.3
0.6
680K
55TDVST2-1
680K
1.3
75TDVST2-1
10
3.3
-
100TDVST2-1
0.9
8
130TDVST2-1
0.5
180TDVST2-1
0.4
-
Cx1
Cx2
Cx3
Cy
L1
L2
R1
R2
PARTNo.
(uF)
(uF)
(uF)
(uF)
(mH)
(uH)
(M ) (M )
L1
L2
L1
L2
G
Cx1
N
T
E
S
I
R
L
R2
Cy
Cx2
A
R1
T'
D
S'
O
R' L
G'
07/42/55/75/100/130TDVST2-1
L
L
G
Cx1
N
T
E
S
I
R
L
R2
Cy
Cx2
A
R1
T' D
S'
O
R' L
G'
180TDVST2-1 ONLY
7-11
COMMONMODE(L-G) IN 50 OHM SYSTEM
DIFFERENTIALMODE(L-L) IN 50 OHM SYSTEM
FREQUENCY-MHz
PART NO.
.15
.50
1.0
5.0
10
30
07TDVST2-1
55
70
60
45
30
15
16TDVST2-1
50
65
55
40
35
20
30TDVST2-1
50
60
55
35
35
10
42TDVST2-1
50
55
50
30
20
10
55TDVST2-1
55
65
50
30
20
5
75TDVST2-1
55
60
50
20
10
5
100TDVST2-1
50
65
50
20
10
5
130TDVST2-1
45
65
50
35
15
5
180TDVST2-1
40
60
45
30
20
5
07TDVST2-1
45
50
45
40
40
20
16TDVST2-1
55
55
50
40
40
35
30TDVST2-1
45
40
35
35
35
20
42TDVST2-1
55
40
30
20
20
10
55TDVST2-1
60
55
45
40
35
5
75TDVST2-1
60
60
50
40
20
5
100TDVST2-1
50
50
45
35
25
5
130TDVST2-1
40
55
45
30
30
5
180TDVST2-1
45
40
35
20
20
10


Similar Part No. - 07TDVST2

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
07TDVST2 DELTA-07TDVST2 Datasheet
556Kb / 3P
   VERTICAL 3-PHASE 3-WIRE FILTERS
More results

Similar Description - 07TDVST2

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
30TDVST2 DELTA-30TDVST2 Datasheet
556Kb / 3P
   VERTICAL 3-PHASE 3-WIRE FILTERS
TDH DELTA-TDH Datasheet
226Kb / 1P
   LOW VOLTAGE 3-PHASE 3-WIRE FILTERS
20TDHG6 DELTA-20TDHG6 Datasheet
226Kb / 1P
   LOW VOLTAGE 3-PHASE 3-WIRE FILTERS
TDT DELTA-TDT Datasheet
231Kb / 1P
   HIGH PERFORMANCE 3-PHASE 3-WIRE FILTERS
20TYS9 DELTA-20TYS9 Datasheet
386Kb / 1P
   COMPACT 3-PHASE 4-WIRE FILTERS
TDP DELTA-TDP Datasheet
684Kb / 1P
   HIGH PERFORMANCE 3-PHASE 3-WIRE PLASTIC CASE FILTERS
TYT DELTA-TYT Datasheet
335Kb / 3P
   HIGH PERFORMANCE 3-PHASE, 4-WIRE FILTERS
logo
PREMO CORPORATION S.L
P-1240-016 PREMO-P-1240-016 Datasheet
130Kb / 1P
   Single Phase & 3-Phase Blocking Filters
logo
Soshin electric Co., Lt...
NF3000A-RQ2 SOSHIN-NF3000A-RQ2 Datasheet
124Kb / 3P
   3-phase 3-lin 250VAC Available 80-300A, Standard of 3-phase EMI filters
logo
TE Connectivity Ltd
AYA TEC-AYA Datasheet
218Kb / 4P
   3-phase WYE RFI Power Line Filters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com