Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48SP12003NRFB Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # S48SP12003NRFB
Description  SMD and Through-hole versions
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SP12003NRFB Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button S48SP12003NRFB Datasheet HTML 5Page - Delta Electronics, Inc. S48SP12003NRFB Datasheet HTML 6Page - Delta Electronics, Inc. S48SP12003NRFB Datasheet HTML 7Page - Delta Electronics, Inc. S48SP12003NRFB Datasheet HTML 8Page - Delta Electronics, Inc. S48SP12003NRFB Datasheet HTML 9Page - Delta Electronics, Inc. S48SP12003NRFB Datasheet HTML 10Page - Delta Electronics, Inc. S48SP12003NRFB Datasheet HTML 11Page - Delta Electronics, Inc. S48SP12003NRFB Datasheet HTML 12Page - Delta Electronics, Inc. S48SP12003NRFB Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
DS_S48SP12003_10252013
9
FEATURES DESCRIPTIONS (CON.)
Output Voltage Adjustment
To increase or decrease the output voltage set point,
the modules may be connected with an external
resistor between the TRIM pin and either the Vo(+) or
Vo(-). The TRIM pin should be left open if this feature
is not used.
Note: Trim Pin is optional.
R
Load
Vo (+)
Trim
Vo (-)
R
trim-down
Vi (+)
Vi (-)
ON/OFF
R
Load
Vo (+)
Trim
Vo (-)
R
trim-down
Vi (+)
Vi (-)
ON/OFF
Vo (+)
Trim
Vo (-)
R
trim-down
Vi (+)
Vi (-)
ON/OFF
Figure 17: Circuit configuration for trim-down (decrease
output voltage)
If the external resistor is connected between the TRIM
and Vo(+) pins, the output voltage set point decreases
(Fig. 17). The external resistor value required to obtain
an output voltage change from 12V to the desired
Vo_adj, which is defined as:
Rtrim_down
Vo_adj
2.5
(
) 10000
12
Vo_adj
5110
Ex. When Trim-down -10%
Vo_adj=12V×(1-10%)=10.8V
Rtrim_down
10.8
2.5
(
) 10000
12
10.8
5110
Rtrim_down
6.406
10
4
×
=
ohm
Vo (+)
Trim
Vo (-)
R
Load
R
trim-up
Vi (+)
Vi (-)
ON/OFF
Vo (+)
Trim
Vo (-)
R
Load
R
trim-up
Vi (+)
Vi (-)
ON/OFF
Figure 18: Circuit configuration for trim-up (increase output
voltage)
If the external resistor is connected between the TRIM
and Vo(-) the output voltage set point increases (Fig.
18). The external resistor value required to obtain an
output voltage change from 12V to the desired Vo_adj,
which is defined as:
Rtrim_up
2.5 10000
Vo_adj
12
5110
Ex. When Trim-up +10%
Vo_adj=12V×(1+10%)=13.2V
Rtrim_up
2.5 10000
13.2
12
5110
Rtrim_up=1.572x10
4ohm
When using trim function, the output voltage of the
module is usually increased, which increases the power
output of the module with the same output current.
Care should be taken to ensure that the maximum
output power of the module remains at or below the
maximum rated power.


Similar Part No. - S48SP12003NRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
442Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 3.3V/10A out
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
449Kb / 14P
   Delphi Series S48SP, 35W 1x1 Brick DC/DC Power Modules: 48V in, 5V/7A out
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
448Kb / 14P
   Delphi Series S48SP, 36W 1x1 Brick DC/DC Power Modules: 48V in, 12V/3A out
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
449Kb / 14P
   UL/cUL 60950 (US & Canada) recognized
S48SP12003NRFB DELTA-S48SP12003NRFB Datasheet
448Kb / 14P
   UL/cUL 60950 (US & Canada) recognized
More results

Similar Description - S48SP12003NRFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SR1R825 DELTA-V48SR1R825 Datasheet
832Kb / 14P
   SMD and through-hole versions
V48SH DELTA-V48SH Datasheet
798Kb / 14P
   SMD and through-hole versions
logo
List of Unclassifed Man...
5GTH920011TS16 ETC2-5GTH920011TS16 Datasheet
1Mb / 3P
   through-hole or SMD
1T09 ETC2-1T09 Datasheet
126Kb / 7P
   through-hole or SMD
3FTL600 ETC2-3FTL600 Datasheet
301Kb / 6P
   through-hole or SMD
AQC09-242 ETC2-AQC09-242 Datasheet
102Kb / 5P
   Through-hole or SMD
logo
Ohmite Mfg. Co.
SHUNT-S OHMITE-SHUNT-S Datasheet
502Kb / 2P
   60mv and 75mv versions
logo
Power-One
IMS6 POWER-ONE-IMS6 Datasheet
1Mb / 13P
   6 Watt SMD and through hole DC/DC converters
logo
C&K Components
KMR6 CK-COMPONENTS-KMR6 Datasheet
251Kb / 2P
   Standard and long life versions
logo
ZF Friedrichshafen AG
CRE22F2BBALE ZFSWITCHES-CRE22F2BBALE Datasheet
246Kb / 2P
   Lighted and non-lighted versions
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com