Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48SA Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # S48SA
Description  Industry standard footprint and pin out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SA Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button S48SA Datasheet HTML 3Page - Delta Electronics, Inc. S48SA Datasheet HTML 4Page - Delta Electronics, Inc. S48SA Datasheet HTML 5Page - Delta Electronics, Inc. S48SA Datasheet HTML 6Page - Delta Electronics, Inc. S48SA Datasheet HTML 7Page - Delta Electronics, Inc. S48SA Datasheet HTML 8Page - Delta Electronics, Inc. S48SA Datasheet HTML 9Page - Delta Electronics, Inc. S48SA Datasheet HTML 10Page - Delta Electronics, Inc. S48SA Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
DS_S48SA05006_09252012
FEATURES DESCRIPTIONS
Over-Current Protection
The modules include an internal output over-current
protection circuit, which will endure current limiting for
an unlimited duration during output overload. If the
output current exceeds the OCP set point, the modules
will automatically shut down (hiccup mode).
The modules will try to restart after shutdown. If the
overload condition still exists, the module will shut down
again. This restart trial will continue until the overload
condition is corrected.
Over-Voltage Protection
The modules include an internal output over-voltage
protection circuit, which monitors the voltage on the
output terminals. If this voltage exceeds the over-
voltage set point, the module will shut down (Hiccup
mode). The modules will try to restart after shutdown. If
the fault condition still exists, the module will shut down
again. This restart trial will continue until the fault
condition is corrected.
Over-Temperature Protection
The over-temperature protection consists of circuitry
that provides protection from thermal damage. If the
temperature exceeds the over-temperature threshold
the module will shut down.
The module will try to restart after shutdown. If the over-
temperature condition still exists during restart, the
module will shut down again. This restart trial will
continue until the temperature is within specification.
Remote On/Off
The remote on/off feature on the module can be either
negative or positive logic. Negative logic turns the
module on during a logic low and off during a logic high.
Positive logic turns the modules on during a logic high
and off during a logic low.
Remote on/off can be controlled by an external switch
between the on/off terminal and the Vi(-) terminal. The
switch can be an open collector or open drain.
For negative logic if the remote on/off feature is not
used, please short the on/off pin to Vi(-). For positive
logic if the remote on/off feature is not used, please
leave the on/off pin to floating.
7
Vo(+)
Vi(+)
Vo(-)
Sense(-)
Sense(+)
Vi(-)
ON/OFF
Figure 13: Remote on/off implementation
Remote Sense (Optional)
Remote sense compensates for voltage drops on the
output by sensing the actual output voltage at the point of
load. The voltage between the remote sense pins and the
output terminals must not exceed the output voltage sense
range given here:
[Vo(+)
– Vo(–)] – [SENSE(+) – SENSE(–)] ≤ 10% × Vout
This limit includes any increase in voltage due to remote
sense
compensation
and
output
voltage
set
point
adjustment (trim).
Vi(-)
Vi(+)
Vo(-)
Vo(+)
Sense(+)
Sense(-)
Resistance
Contact
Contact andDistribution
Losses
Figure 14: Effective circuit configuration for remote sense
operation
If the remote sense feature is not used to regulate the
output at the point of load, please connect SENSE(+) to
Vo(+) and SENSE(
–) to Vo(–) at the module.
The output voltage can be increased by both the remote
sense and the trim; however, the maximum increase is the
larger of either the remote sense or the trim, not the sum of
both.
When using remote sense and trim, the output voltage of
the module is usually increased, which increases the power
output of the module with the same output current.
Care should be taken to ensure that the maximum output
power does not exceed the maximum rated power.


Similar Part No. - S48SA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SA05003NRFA DELTA-S48SA05003NRFA Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
S48SA05003NRFB DELTA-S48SA05003NRFB Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
S48SA05003NRFC DELTA-S48SA05003NRFC Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
S48SA05003NTFA DELTA-S48SA05003NTFA Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
S48SA05003NTFB DELTA-S48SA05003NTFB Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
More results

Similar Description - S48SA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q36SR12020NRFA DELTA-Q36SR12020NRFA Datasheet
902Kb / 14P
   Industry standard footprint and pin out
FL75L20 DELTA-FL75L20 Datasheet
566Kb / 7P
   Industry standard footprint and pin-out
Q36SR DELTA-Q36SR Datasheet
713Kb / 14P
   Industry standard footprint and pin out
S48SA05006 DELTA-S48SA05006 Datasheet
910Kb / 13P
   Industry standard footprint and pin out
FL75L10 DELTA-FL75L10 Datasheet
522Kb / 7P
   Industry standard footprint and pin-out
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
   Industry standard pin out
E48SH DELTA-E48SH Datasheet
1Mb / 17P
   Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
   Industry standard pin out
E36SR DELTA-E36SR Datasheet
824Kb / 15P
   Industry standard pin out
DIM DELTA-DIM Datasheet
602Kb / 13P
   Industry standard pin out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com