Electronic Components Datasheet Search |
|
A15KB-JA Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
A15KB-JA Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd. |
4 / 7 page Series A Process Sealed Subminiature Toggles A7 A www.nkkswitches.com TOGGLES Toggle Position ( ) = Momentary Connected Terminals Throw & Schematics Pole Model Up Center Down Up Center Down Note: Terminal numbers are not actually on the switch. SP A11 OFF NONE ON OPEN OPEN 3-1 SPST SP A12 A13 A15 A1R A18 A19 A1S ON ON ON (ON) (ON) ON (ON) NONE OFF NONE NONE OFF OFF OFF ON ON (ON) ON (ON) (ON) ON 2-3 OPEN 2-1 SPDT DP A22 A23 A25 A2R A28 A29 A2S ON ON ON (ON) (ON) ON (ON) NONE OFF NONE NONE OFF OFF OFF ON ON (ON) ON (ON) (ON) ON 2-3 5-6 OPEN 2-1 5-4 DPDT For 3 Throw (3-on) Connected Terminals & Schematics External Connection Pole Model Up Center Down SP A24 A26 A27 ON (ON) ON 2-3 5-6 ON ON ON 2-3 5-4 ON (ON) (ON) 2-1 5-4 .394” (10.0mm) Bat POLES & CIRCUITS 2 (COM) 1 3 4 6 1 3 25 (COM) A Slot Slot 3 1 INTERNAL CONNECTION 36 25 4 1 Common (in) (out) (out) (out) External Conn Standard Material & Finish: Brass with Bright Nickel Material & Finish for J2: Matte finish black glass fiber reinforced polyamide .248” (6.3mm) Bat J J2 .248” (6.3mm) Antistatic Bat (10.0) .394 26° (2.6) Dia .102 26° (2.6) Dia .102 (6.3) .248 26° (2.1) Dia .083 (6.3) .248 E H K .394” (10.0mm) Flatted .248” (6.3mm) Flatted Snap Top for Paddles (2.7) .106 26° (1.6) .063 (10.0) .394 (2.6) .102 (6.3) .248 (1.6) .063 26° (2.5) .098 26° (5.0) .197 (1.6) .063 Dissipating 20Kv ESD: Straight PC Dissipating 10Kv ESD: Straight PC with Bracket, Right Angle, & Vertical The SP3T model utilizes a double pole base. External connections must be made during field installation. 1 (out) 4 (out) 6 (out) 2 (in) 3 5 External Connection 1 (out) 4 (out) 6 (out) 2 (in) 3 5 External Connection 1 (out) 4 (out) 6 (out) 2 (in) 3 5 External Connection |
Similar Part No. - A15KB-JA |
|
Similar Description - A15KB-JA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |