Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48SG Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # Q48SG
Description  Industry standard, DOSA compliant pin out
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SG Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button Q48SG Datasheet HTML 3Page - Delta Electronics, Inc. Q48SG Datasheet HTML 4Page - Delta Electronics, Inc. Q48SG Datasheet HTML 5Page - Delta Electronics, Inc. Q48SG Datasheet HTML 6Page - Delta Electronics, Inc. Q48SG Datasheet HTML 7Page - Delta Electronics, Inc. Q48SG Datasheet HTML 8Page - Delta Electronics, Inc. Q48SG Datasheet HTML 9Page - Delta Electronics, Inc. Q48SG Datasheet HTML 10Page - Delta Electronics, Inc. Q48SG Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DS_Q48SG12042_05092014
7
ELECTRICAL CHARACTERISTICS CURVES
Vo(-)
Vo(+)
10u
1u
Copper
Strip
SCOPE
RESISTIVE
LOAD
Figure 13: Input reflected ripple current, is, through a 12µH
source inductor at nominal input voltage and rated load current
(20 mA/div, 5us/div).
Figure 14: Output voltage noise and ripple measurement test
setup
Figure 15: Output voltage ripple at nominal input voltage and
rated load current (50 mV/div, 2us/div)
Load capacitance: 1µF ceramic capacitor and 10µF tantalum
capacitor. Bandwidth: 20 MHz. Scope measurements should be
made using a BNC cable (length shorter than 20 inches).
Position the load between 51 mm to 76 mm (2 inches to 3
inches) from the module.


Similar Part No. - Q48SG

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SG12034 DELTA-Q48SG12034 Datasheet
1Mb / 26P
   Over-Current Protection
Q48SG12034NNFH DELTA-Q48SG12034NNFH Datasheet
1Mb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12034NNFH DELTA-Q48SG12034NNFH Datasheet
849Kb / 27P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
Q48SG12034NRFA DELTA-Q48SG12034NRFA Datasheet
1Mb / 26P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules:
Q48SG12034NRFA DELTA-Q48SG12034NRFA Datasheet
849Kb / 27P
   Delphi Series Q48SG Quarter Brick Family Full Digital Control DC/DC Power Modules
More results

Similar Description - Q48SG

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q54SG12033 DELTA-Q54SG12033 Datasheet
1Mb / 24P
   Industry standard, DOSA compliant pin out
Q48SD DELTA-Q48SD Datasheet
563Kb / 24P
   Industry standard, DOSA compliant pin out
Q54SG DELTA-Q54SG Datasheet
1Mb / 26P
   Industry standard, DOSA compliant pin out
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
   Industry standard pin out
E48SH DELTA-E48SH Datasheet
1Mb / 17P
   Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
   Industry standard pin out
E36SR DELTA-E36SR Datasheet
824Kb / 15P
   Industry standard pin out
DIM DELTA-DIM Datasheet
602Kb / 13P
   Industry standard pin out
E48SC DELTA-E48SC Datasheet
486Kb / 15P
   Industry standard pin out
H48SC3R325 DELTA-H48SC3R325 Datasheet
400Kb / 12P
   Industry standard pin out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com