Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48SC12033NRDR Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # Q48SC12033NRDR
Description  400W DC/DC Power Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SC12033NRDR Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  Q48SC12033NRDR Datasheet HTML 1Page - Delta Electronics, Inc. Q48SC12033NRDR Datasheet HTML 2Page - Delta Electronics, Inc. Q48SC12033NRDR Datasheet HTML 3Page - Delta Electronics, Inc. Q48SC12033NRDR Datasheet HTML 4Page - Delta Electronics, Inc. Q48SC12033NRDR Datasheet HTML 5Page - Delta Electronics, Inc. Q48SC12033NRDR Datasheet HTML 6Page - Delta Electronics, Inc. Q48SC12033NRDR Datasheet HTML 7Page - Delta Electronics, Inc. Q48SC12033NRDR Datasheet HTML 8Page - Delta Electronics, Inc. Q48SC12033NRDR Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Datasheet
E-mail:
dcdc@deltaww.com
DS_Q48SC12033_04062017
http://www.deltaww.com/dcdc
P3
ECHNICAL SPECIFICATIONS
(TA=25°C, airflow rate=400 LFM, Vin=48Vdc, nominal Vout unless otherwise noted.)
DIGITAL INTERFACE SPECIFICATIONS
(TA=25°C, airflow rate=400 LFM, Vin=48Vdc, nominal Vout unless otherwise noted.)
PIN DEFINATION
Pin#
Name
Function
Pin#
Name
Function
1
VIN(+)
9
VOUT(+)
2
ON/OFF
Primary on/off
control pin
10
C2
PGOOD pin, and this pin also could be configurated as secondary on/off control pin
3
Case
11
SIG_GND
Signal ground
4
VIN(-)
12
DATA
PMBus data line
5
VOUT(-)
13
SMBALERT
PMBus SMBAlert line
6
SENSE(-)
Remote sense
14
CLOCK
PMBus clock line
7
TRIM
Trim
note 3
15
ADDR1
ADDR1 pin sets the high order digit of the address.
8
SENSE(+)
Remote sense
16
ADDR0
ADDR0 pin sets the low order digit of the address.
Note3: see the last page.
PARAMETER
NOTES and CONDITIONS
Q48SC12033
Min.
Typ.
Max.
Units
FEATURE CHARACTERISTICS
Switching Frequency
130
KHz
ON/OFF Control, Remote On/Off logic
Default Negative logic
Logic Low (Module On)
Von/off at Ion/off=1.0mA
-0.7
0.8
V
Logic High (Module Off)
Von/off at Ion/off=0.0 µA
3.5
50
V
ON/OFF Current (for both remote on/off logic)
Ion/off at Von/off=0.0V
0.5
mA
GENERAL SPECIFICATIONS
MTBF
Io=80% of Io max; Ta=25°C; Airflow=300LFM
4.5
M
Weight(without heat spreader)
50
grams
Weight(with heat spreader)
65
grams
Over-Temperature Shutdown
(Without heat spreader)
Refer to Figure 22 for Hot spot 1 location
(48Vin,80% Io, 200LFM,Airflow from Vin+ to Vin-)
125
°C
Over-Temperature Shutdown
(With heat spreader)
Refer to Figure 24 for Hot spot 2 location
(48Vin,80% Io, 200LFM,Airflow from Vin+ to Vin-)
117
°C
Over-Temperature Shutdown
( NTC resistor )
Refer to Figure 22 for NTC resistor location
125
°C
Note1: Please attach thermocouple on NTC resistor to test OTP function, the hot sp
ots’ temperature is just for reference. And the OTP is Adjustable via PMBus.
Note2: Output voltage range 5.8% for remote sense-; Output voltage range 10% for remote sense+.
PARAMETER
NOTES and CONDITIONS
Q48SC12033
Min.
Typ.
Max.
Units
PMBUS SIGNAL INTERFACE CHARACTERISTICS
Input High Voltage (CLK, DATA)
2.1
3.3
Vdc
Input Low Voltage (CLK, DATA)
0
0.8
Vdc
Input high level current (CLK, DATA)
-10
10
uA
Input low level current (CLK, DATA)
-10
10
uA
Output Low Voltage (SMBALERT#)
SMBALERT, sink current 2mA
0.4
Vdc
Output high level open drain leakage current
(SMBALERT#)
SMBALERT, 3.6V
0
10
uA
PMBus Operating frequency range
100 or 400
kHz
Measurement System Characteristics
Output current reading accuracy
16.5A<IOUT<33A
-5
1.4
3
%
1A<IOUT<16.5A
-1.7
2.5
A
VOUT reading accuracy
1
%
VIN reading accuracy
-2
+2
Vdc
Temperature sense range
0
°C
Temperature reading accuracy
-5
+5
°C


Similar Part No. - Q48SC12033NRDR

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SC12008 DELTA-Q48SC12008 Datasheet
387Kb / 13P
   Over-Current Protection
Q48SC12008NNA DELTA-Q48SC12008NNA Datasheet
387Kb / 13P
   Over-Current Protection
Q48SC12008NRA DELTA-Q48SC12008NRA Datasheet
387Kb / 13P
   Over-Current Protection
Q48SC12025 DELTA-Q48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
Q48SC12025NNDH DELTA-Q48SC12025NNDH Datasheet
1Mb / 28P
   300W DC/DC Power Modules
More results

Similar Description - Q48SC12033NRDR

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DIM3R3400 DELTA-DIM3R3400 Datasheet
750Kb / 16P
   400W DC/DC Power Modules
logo
DENSEI-LAMBDA
PAF400F280 LAMBDA-PAF400F280 Datasheet
106Kb / 1P
   DC-DC Module 400W
logo
Delta Electronics, Inc.
Q48SH12033 DELTA-Q48SH12033 Datasheet
442Kb / 13P
   400W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/33A out
Q48SK12033 DELTA-Q48SK12033 Datasheet
366Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/33A out, 400W
logo
Dubilier
ZKS-400WX-A DUBILIER-ZKS-400WX-A Datasheet
64Kb / 1P
   400W AC-DC ATX Power Supply supports 400W AC-DC ATX Power Supply supports
logo
Delta Electronics, Inc.
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
   240W DC/DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com