Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q48SC12025NNDH Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # Q48SC12025NNDH
Description  300W DC/DC Power Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SC12025NNDH Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button Q48SC12025NNDH Datasheet HTML 3Page - Delta Electronics, Inc. Q48SC12025NNDH Datasheet HTML 4Page - Delta Electronics, Inc. Q48SC12025NNDH Datasheet HTML 5Page - Delta Electronics, Inc. Q48SC12025NNDH Datasheet HTML 6Page - Delta Electronics, Inc. Q48SC12025NNDH Datasheet HTML 7Page - Delta Electronics, Inc. Q48SC12025NNDH Datasheet HTML 8Page - Delta Electronics, Inc. Q48SC12025NNDH Datasheet HTML 9Page - Delta Electronics, Inc. Q48SC12025NNDH Datasheet HTML 10Page - Delta Electronics, Inc. Q48SC12025NNDH Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Datasheet
E-mail:
dcdc@deltaww.com
DS_Q48SC12025_04062017
http://www.deltaww.com/dcdc
P7
ELECTRICAL CHARACTERISTICS CURVES
Figure 8: Output voltage response to step-change in load
current (75%-50% of Io, max; di/dt = 0.1A/µs, Vin=48V). Load
cap:300µF, electrolytic capacitor ; 10µF, tantalum capacitor and
1µF ceramic capacitor. Top Trace: Vout (200mV/div, 200us/div);
Bottom Trace: Io (10A/div, 200us/div). Scope measurement
should be made using a BNC cable (length shorter than 20
inches). Position the load between 51 mm to 76 mm (2 inches
to 3 inches) from the module..
Figure 9: Output voltage response to step-change in load
current (50%-75% of Io, max; di/dt = 0.1A/µs, Vin=48V). Load
cap: 300µF, electrolytic capacitor ;10µF, tantalum capacitor and
1µF ceramic capacitor. Top Trace: Vout (200mV/div, 200us/div);
Bottom Trace: Io (10A/div, 200us/div). Scope measurement
should be made using a BNC cable (length shorter than 20
inches). Position the load between 51 mm to 76 mm (2 inches
to 3 inches) from the module..
Figure 10: Test set-up diagram showing measurement points
for Input Terminal Ripple Current and Input Reflected Ripple
Current.
Note: Measured input reflected-ripple current with a simulated
source Inductance (LTEST) of 12 μH. Capacitor Cs offset
possible battery impedance. Measure current as shown above.
Figure 11: Input Terminal Ripple Current, ic, at full rated output
current and nominal input voltage with 12µH source impedance
and 100µF electrolytic capacitor (1A/div2us/div).


Similar Part No. - Q48SC12025NNDH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SC12008 DELTA-Q48SC12008 Datasheet
387Kb / 13P
   Over-Current Protection
Q48SC12008NNA DELTA-Q48SC12008NNA Datasheet
387Kb / 13P
   Over-Current Protection
Q48SC12008NRA DELTA-Q48SC12008NRA Datasheet
387Kb / 13P
   Over-Current Protection
Q48SC12033 DELTA-Q48SC12033 Datasheet
1Mb / 28P
   400W DC/DC Power Modules
Q48SC12033NRAH DELTA-Q48SC12033NRAH Datasheet
1Mb / 28P
   400W DC/DC Power Modules
More results

Similar Description - Q48SC12025NNDH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SD12025 DELTA-E48SD12025 Datasheet
1Mb / 27P
   300W DC/DC Power Modules
E48SC12025 DELTA-E48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA_09 Datasheet
378Kb / 13P
   300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA Datasheet
376Kb / 13P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA_14 Datasheet
379Kb / 14P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
logo
ETA-USA
ETF-SC ETA-USA-ETF-SC Datasheet
2Mb / 4P
   300W DC/DC
logo
BOSER Technology Co., L...
MPD-830R BOSER-MPD-830R Datasheet
82Kb / 1P
   300W DC-DC ATX Power Supply
logo
Wall Industries,Inc.
FA12S12-300 WALL-FA12S12-300 Datasheet
618Kb / 14P
   300W DC-DC Converter
logo
STMicroelectronics
GS300T48-5 STMICROELECTRONICS-GS300T48-5 Datasheet
75Kb / 6P
   300W DC-DC CONVERTER
June 1994
logo
Wall Industries,Inc.
FA12S5-300 WALL-FA12S5-300 Datasheet
646Kb / 14P
   300W DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com