Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q36SR12017NRFA Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # Q36SR12017NRFA
Description  Industry standard footprint and pin out
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q36SR12017NRFA Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button Q36SR12017NRFA Datasheet HTML 6Page - Delta Electronics, Inc. Q36SR12017NRFA Datasheet HTML 7Page - Delta Electronics, Inc. Q36SR12017NRFA Datasheet HTML 8Page - Delta Electronics, Inc. Q36SR12017NRFA Datasheet HTML 9Page - Delta Electronics, Inc. Q36SR12017NRFA Datasheet HTML 10Page - Delta Electronics, Inc. Q36SR12017NRFA Datasheet HTML 11Page - Delta Electronics, Inc. Q36SR12017NRFA Datasheet HTML 12Page - Delta Electronics, Inc. Q36SR12017NRFA Datasheet HTML 13Page - Delta Electronics, Inc. Q36SR12017NRFA Datasheet HTML 14Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Q36SR12017_01262014
11
MECHANICAL DRAWING (WITH HEAT-SPREADER)
For modules with through-hole pins and the optional heatspreader, they are intended for wave soldering assembly
onto system boards; please do not subject such modules through reflow temperature profile.


Similar Part No. - Q36SR12017NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q36SR12017NRFA DELTA-Q36SR12017NRFA Datasheet
455Kb / 14P
   Delphi Series Q36SR, Quarter Brick 204W DC/DC Power Modules: 18V~75Vin,12V, 17Aout
Q36SR12017NRFA DELTA-Q36SR12017NRFA Datasheet
713Kb / 14P
   Input Source Impedance
More results

Similar Description - Q36SR12017NRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SA DELTA-S48SA Datasheet
910Kb / 13P
   Industry standard footprint and pin out
Q36SR12020NRFA DELTA-Q36SR12020NRFA Datasheet
902Kb / 14P
   Industry standard footprint and pin out
FL75L20 DELTA-FL75L20 Datasheet
566Kb / 7P
   Industry standard footprint and pin-out
S48SA05006 DELTA-S48SA05006 Datasheet
910Kb / 13P
   Industry standard footprint and pin out
FL75L10 DELTA-FL75L10 Datasheet
522Kb / 7P
   Industry standard footprint and pin-out
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
   Industry standard pin out
E48SH DELTA-E48SH Datasheet
1Mb / 17P
   Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
   Industry standard pin out
E36SR DELTA-E36SR Datasheet
824Kb / 15P
   Industry standard pin out
DIM DELTA-DIM Datasheet
602Kb / 13P
   Industry standard pin out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com