Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A11EB-JA Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # A11EB-JA
Description  General Specifications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

A11EB-JA Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  A11EB-JA Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. A11EB-JA Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. A11EB-JA Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. A11EB-JA Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. A11EB-JA Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. A11EB-JA Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. A11EB-JA Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Series A
Process Sealed Subminiature Toggles
A5
A
www.nkkswitches.com
Distinctive Characteristics
Subminiature size saves space on PC boards.
Specifically developed for logic-level applications.
Totally sealed body construction prevents contact contamination
and allows time- and money-saving automated soldering and
cleaning.
Award-winning STC contact mechanism with
benefits unavailable in conventional mechanisms:
smoother, positive detent actuation, increased
contact stability and unparalleled logic-level
reliability. (Additional STC details in Terms &
Acronyms; see Supplement contents.)
Molded-in, epoxy sealed or ultrasonically
welded terminals lock out flux, solvents,
and other contaminants.
.100” x .100” (2.54mm x 2.54mm) terminal
spacing conforms to standard PC board grid
spacing.
Toggle option in antistatic material available for
dissipating electrostatic discharges.
Matching indicators available.
Actual Size


Similar Part No. - A11EB-JA

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
A11E NKK-A11E Datasheet
243Kb / 7P
   Process Sealed Subminiature Toggles
logo
EMP-Centauri s.r.o.
A11ECS-1 EMP-CENTAURI-A11ECS-1 Datasheet
437Kb / 1P
   Amplifier 1in / 1out
A11ECT16DB-1 EMP-CENTAURI-A11ECT16DB-1 Datasheet
437Kb / 1P
   Amplifier 1in / 1out
A11EET16DB-1 EMP-CENTAURI-A11EET16DB-1 Datasheet
442Kb / 1P
   Amplifier 1in / 1out
More results

Similar Description - A11EB-JA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com