Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC40 Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # NC40
Description  No minimum load required
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NC40 Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  NC40 Datasheet HTML 1Page - Delta Electronics, Inc. NC40 Datasheet HTML 2Page - Delta Electronics, Inc. NC40 Datasheet HTML 3Page - Delta Electronics, Inc. NC40 Datasheet HTML 4Page - Delta Electronics, Inc. NC40 Datasheet HTML 5Page - Delta Electronics, Inc. NC40 Datasheet HTML 6Page - Delta Electronics, Inc. NC40 Datasheet HTML 7Page - Delta Electronics, Inc. NC40 Datasheet HTML 8Page - Delta Electronics, Inc. NC40 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DS_NC12S40A_05282008
4
ELECTRICAL CHARACTERISTICS CURVES (CON.)
0
10
20
30
40
50
60
70
80
90
100
0
3
5
8
11 13 16 19 21 24 27 29 32 35 37 40
Output Current (A)
10.2
12
13.8
Figure 7: Converter efficiency vs. output current
(5V output voltage)
Figure 8: Output ripple & noise at 12Vin, 0.9V/40A out
Figure 9: Output ripple & noise at 12Vin, 1.2V/40A out
Figure 10: Output ripple & noise at 12Vin, 1.5V/40A out
Figure 11: Output ripple & noise at 12Vin, 1.8V/40A out
Figure 12: Output ripple & noise at 12Vin, 2.5V/40A out


Similar Part No. - NC40

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
NC41120-0015 FUJITSU-NC41120-0015 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
NC41120-0015 FUJITSU-NC41120-0015 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
NC41120-0017 FUJITSU-NC41120-0017 Datasheet
240Kb / 3P
   STANDARD Micro Controller Specification NC41120-0017 USB Interface Controller Chip
NC41120-0018 FUJITSU-NC41120-0018 Datasheet
183Kb / 3P
   STANDARD Micro Controller Specification USB Interface Controller Chip
NC41120-0018 FUJITSU-NC41120-0018 Datasheet
453Kb / 7P
   STANDARD Resistive Touch Panel Specification
More results

Similar Description - NC40

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC3R320 DELTA-E48SC3R320 Datasheet
539Kb / 15P
   No minimum load required
logo
Wurth Elektronik GmbH &...
177920524 WURTH-177920524 Datasheet
1Mb / 21P
   No minimum load required
logo
Delta Electronics, Inc.
D12S1R830 DELTA-D12S1R830 Datasheet
500Kb / 11P
   No minimum load required
DNT12SMD03 DELTA-DNT12SMD03 Datasheet
600Kb / 12P
   No minimum load required
DNL10SIP20 DELTA-DNL10SIP20 Datasheet
878Kb / 17P
   No minimum load required
logo
SynQor Worldwide Headqu...
PQ60500HZX12 SYNQOR-PQ60500HZX12 Datasheet
3Mb / 16P
   No minimum load requirement means no preload resistors required
PQ60015EGL25 SYNQOR-PQ60015EGL25 Datasheet
539Kb / 13P
   No minimum load requirement means no preload resistors required
PQ60240HZX25 SYNQOR-PQ60240HZX25 Datasheet
3Mb / 16P
   No minimum load requirement means no preload resistors required
logo
Power-One
ABC150 POWER-ONE-ABC150 Datasheet
542Kb / 4P
   110 W convection cooled, No minimum load required
ABC40 POWER-ONE-ABC40 Datasheet
556Kb / 4P
   40 W convection cooled, No minimum load required - single output models
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com