Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC12S0A0V06PNFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # NC12S0A0V06PNFA
Description  Voltage and resistor-based trim
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NC12S0A0V06PNFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  NC12S0A0V06PNFA Datasheet HTML 1Page - Delta Electronics, Inc. NC12S0A0V06PNFA Datasheet HTML 2Page - Delta Electronics, Inc. NC12S0A0V06PNFA Datasheet HTML 3Page - Delta Electronics, Inc. NC12S0A0V06PNFA Datasheet HTML 4Page - Delta Electronics, Inc. NC12S0A0V06PNFA Datasheet HTML 5Page - Delta Electronics, Inc. NC12S0A0V06PNFA Datasheet HTML 6Page - Delta Electronics, Inc. NC12S0A0V06PNFA Datasheet HTML 7Page - Delta Electronics, Inc. NC12S0A0V06PNFA Datasheet HTML 8Page - Delta Electronics, Inc. NC12S0A0V06PNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATASHEET
DS_NC12S06A_01102008
FEATURES
High Efficiency:
91% @ 12Vin, 5V/6A out
Size: 30.5x15.5x11.7mm
(1.20”×0.61”×0.46”) -- Vertical
30.5x15.5x12.3mm
(1.20”×0.61”×0.48”) -- Horizontal
Voltage and resistor-based trim
No minimum load required
Output voltage programmable from
0.9Vdc to 5.0Vdc via external resistors
Fixed frequency operation
Input UVLO, output, OCP, SCP
Power good output signal
Remote ON/OFF
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS 18001 certified manufacturing
facility
UL/cUL 60950-1 (US & Canada)
Recognized, and TUV (EN60950-1)
Certified
CE mark meets 73/23/EEC and 93/68/EEC
directives
APPLICATIONS
DataCom
Distributed power architectures
Servers and workstations
LAN / WAN applications
Data processing applications
OPTIONS
Vertical or horizontal versions
Delphi NC06 Series Non-Isolated Point of Load
DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
The Delphi NC06 Series, 12V input, single output, non-isolated point of
load DC/DC converters are the latest offering from a world leader in
power systems technology and manufacturing
― Delta Electronics, Inc.
The NC06 series operates from a 12V nominal input, provides up to 6A
of power in a vertical or horizontal mounted through-hole package and
the output can be resistor- or voltage-trimmed from 0.9Vdc to 5.0Vdc. It
provides a very cost effective point of load solution. With creative design
technology and optimization of component placement, these converters
possess outstanding electrical and thermal performance, as well as
extremely high reliability under highly stressful operating conditions.


Similar Part No. - NC12S0A0V06PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
NC12S0A0V06PNFA DELTA-NC12S0A0V06PNFA Datasheet
691Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0V06PNFA DELTA-NC12S0A0V06PNFA Datasheet
591Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
NC12S0A0V06PNFA DELTA-NC12S0A0V06PNFA Datasheet
867Kb / 14P
   Voltage and resistor-based trim
NC12S0A0V06PNFA DELTA-NC12S0A0V06PNFA_08 Datasheet
591Kb / 14P
   Delphi NC06 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V~5.0Vout, 6A
More results

Similar Description - NC12S0A0V06PNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
NC15 DELTA-NC15 Datasheet
1Mb / 14P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNM DELTA-DNM Datasheet
943Kb / 15P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNL04SIP16A DELTA-DNL04SIP16A Datasheet
940Kb / 16P
   Voltage and resistor-based trim
DNS04SIP06 DELTA-DNS04SIP06 Datasheet
828Kb / 16P
   Voltage and resistor-based trim
NC12S06A DELTA-NC12S06A Datasheet
867Kb / 14P
   Voltage and resistor-based trim
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com