Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPM24S0B0S Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # IPM24S0B0S
Description  Output short circuit protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IPM24S0B0S Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button IPM24S0B0S Datasheet HTML 3Page - Delta Electronics, Inc. IPM24S0B0S Datasheet HTML 4Page - Delta Electronics, Inc. IPM24S0B0S Datasheet HTML 5Page - Delta Electronics, Inc. IPM24S0B0S Datasheet HTML 6Page - Delta Electronics, Inc. IPM24S0B0S Datasheet HTML 7Page - Delta Electronics, Inc. IPM24S0B0S Datasheet HTML 8Page - Delta Electronics, Inc. IPM24S0B0S Datasheet HTML 9Page - Delta Electronics, Inc. IPM24S0B0S Datasheet HTML 10Page - Delta Electronics, Inc. IPM24S0B0S Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DS_IPM24S0C0_01092009
7
DESIGN CONSIDERATIONS
Remote On/Off
The IPM series power modules have an On/Off control
pin for output voltage remote On/Off operation. The
On/Off pin is an open collector/drain logic input signal
that is referenced to ground. When On/Off control pin is
not used, leave the pin unconnected.
The remote on/off pin is internally connected to +5Vdc
through an internal pull-up resistor. Figure 27 shows the
circuit configuration for applying the remote on/off pin.
The module will execute a soft start ON when the
transistor Q1 is in the off state.
The typical rise for this remote on/off pin at the output
voltage of 2.5V and 5.0V are shown in Figure 17 and 18.
Vo
On/Off
Vin
GND
IPM
Q1
RL
Figure 19: Remote on/off implementation
FEATURES DESCRIPTIONS
Over-Current Protection
To provide protection in an output over load fault
condition, the unit is equipped with internal over-current
protection.
When
the
over-current
protection
is
triggered, the unit enters hiccup mode. The units
operate normally once the fault condition is removed.
Output Voltage Programming
The output voltage shall be externally adjustable by use
of a Trim pin.
The module output shall be adjusted by
either a voltage source referenced to ground or an
external resistor be connected between trim pin and Vo or
ground. To trim-down using an external resistor, connect
a resistor between the Trim and Vo pin of the module. To
trim up using an external resistor, connect the resistor
between the Trim and ground pins of the module. The
value of resistor is defined below. The module outputs
shall not be adversely affected (regulation and operation)
when the Trim pin is left open.
IPM can also be programmed by applying a voltage
between the TRIM and GND pins (Figure 20). The
following equation can be used to determine the value of
Vtrim needed for a desired output voltage Vadj:
Trim up
Rtrim =
(Vout-0.7)*1.91
(K
Ω )
Vadj-Vout
Trim Down
Rtrim =
(Vadj-0.7)*20
(K
Ω )
Vout-Vadj
Rtrim is the external resistor in K
Ω
Vadj is the desired output voltage


Similar Part No. - IPM24S0B0S

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM24S0B0S DELTA-IPM24S0B0S Datasheet
734Kb / 14P
   Fixed frequency operation
IPM24S0B0S03FA DELTA-IPM24S0B0S03FA Datasheet
780Kb / 15P
   Delphi Series IPM24S0A0, Non-Isolated, Integrated Point-of-Load Power Modules: 8V~36V input, 1.2~2.5V and 3A Output
IPM24S0B0S03FA DELTA-IPM24S0B0S03FA Datasheet
766Kb / 14P
   Delphi Series IPM24S0B0, Non-Isolated, Integrated Point-of-Load Power Modules: 11V~36V input, 3.3~6.5V and 3A Output
IPM24S0B0S03FA DELTA-IPM24S0B0S03FA Datasheet
710Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated, Integrated Point-of-Load Power Modules: 20V~36V input, 8.0~15.0V and 3A Output
IPM24S0B0SR03FA DELTA-IPM24S0B0SR03FA Datasheet
488Kb / 12P
   Delphi Series IPM24S0C0, Non-Isolated,Integrated Point-of-Load Power Modules
More results

Similar Description - IPM24S0B0S

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM12C0A0R DELTA-IPM12C0A0R Datasheet
769Kb / 15P
   Output short circuit protection
IPM DELTA-IPM Datasheet
746Kb / 15P
   Output short circuit protection
logo
STMicroelectronics
STEVAL-ISA013V1 STMICROELECTRONICS-STEVAL-ISA013V1 Datasheet
105Kb / 5P
   Output short circuit protection
July 2007 Rev 1
logo
SynQor Worldwide Headqu...
PQ60150SMX03 SYNQOR-PQ60150SMX03 Datasheet
904Kb / 15P
   Output current limit and short circuit protection
MQME-28E-T SYNQOR-MQME-28E-T Datasheet
6Mb / 17P
   Output current limit for short-circuit protection
PQ60033SMX15 SYNQOR-PQ60033SMX15 Datasheet
909Kb / 15P
   Output current limit and short circuit protection
SQ60120EPB25 SYNQOR-SQ60120EPB25 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
logo
STMicroelectronics
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
   Short-circuit protection
December 2014 Rev 2
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
   Short circuit protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com