Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMA-x1000-48-YYPLI Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # IMA-x1000-48-YYPLI
Description  Safety rated for Medical, Industrial and IT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IMA-x1000-48-YYPLI Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  IMA-x1000-48-YYPLI Datasheet HTML 1Page - Delta Electronics, Inc. IMA-x1000-48-YYPLI Datasheet HTML 2Page - Delta Electronics, Inc. IMA-x1000-48-YYPLI Datasheet HTML 3Page - Delta Electronics, Inc. IMA-x1000-48-YYPLI Datasheet HTML 4Page - Delta Electronics, Inc. IMA-x1000-48-YYPLI Datasheet HTML 5Page - Delta Electronics, Inc. IMA-x1000-48-YYPLI Datasheet HTML 6Page - Delta Electronics, Inc. IMA-x1000-48-YYPLI Datasheet HTML 7Page - Delta Electronics, Inc. IMA-x1000-48-YYPLI Datasheet HTML 8Page - Delta Electronics, Inc. IMA-x1000-48-YYPLI Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IMA-x1000 Power Supply Series
Main DC Output (J2)
IMA-x1000-12
IMA-x1000-24
IMA-x1000-48
Nominal output voltage
12 V
24 V
48 V
Output voltage adjustment range
9.6 V to 14.4 V
19.2 V to 28.8 V
38.4 V to 56.0 V
Maximum output power
1,000 W
Output voltage regulation
Total
2.25%
Over line
Full input range, full load
0.25 %
Over load
Nominal input, full load
range
1%
Over temperature
Nominal input, full load,
full temperature range
1%
Maximum output current
84 A
42 A
21 A
Maximum output capacitive load
10,000 µF
Dynamic load regulation 1)
< 5%
PARD (20 MHz) 2)
< 120 mV
< 150 mV
< 200 mV
Turn on overshoot
< 2%
Output rise time
< 100 ms
Hold up time
20 msec nominal
Start up time
AC OFF --> ON
Nominal input, max. load
< 2.5 s
REMOTE OFF --> ON
Nominal input, max. load
< 150 ms
Output over voltage protection
YES, latch mode
15 V to 17.5 V
30 V to 35 V
58 V to 65 V
Output over current protection
YES, at 108% to 140% of maximal output current; auto recovery
Short circuit protection
YES, auto recovery
Over temperature protection
YES, auto recovery
Remote sense 3)
Total voltage drop com-
pensation for +V_SENSE
and -V_SENSE connec-
tions (J3 Pins 13 and 14)
to the output load
200 mV
1)
50% step from 5% load,1 A/µs, 10 µF Tan and 1µF ceramic capacitor
2)
10 µF Tan and 1µF ceramic capacitor
3)
Do not short or reversely connect +V_SENSE and -V_SENSE. Doing this can cause damage to the power supply.
Auxiliary DC Output (J3)
IMA-x1000-xx
Connector type
Molex, Part number 87833-1420, 14 pin, see Fig. 15, page 11
Nominal output voltage
5 V
Output voltage adjustment range
Output voltage regulation
Total
2.25%
Over line
Full input range, full load
0.25%
Over load
Nominal input, full load
range
1%
Over temperature
Nominal input, full load,
full temperature range
1%
Maximum output current
2 A
Maximum output capacitive load
1,000 µF
Output over voltage protection
Yes, at 5.7 V to 6.5 V; latch mode
Output over current protection
YES, at 108% to 140% of maximal output current; auto recovery
Short circuit protection
YES, auto recovery
Over temperature protection
YES, auto recovery
3
Data sheet IMA x1000 Power Supply Series V2.0 2016-08-09


Similar Part No. - IMA-x1000-48-YYPLI

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IMA-x400-12-ZNPLI DELTA-IMA-x400-12-ZNPLI Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
IMA-x400-12-ZNPLY DELTA-IMA-x400-12-ZNPLY Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
IMA-x400-24-ZNPLI DELTA-IMA-x400-24-ZNPLI Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
IMA-x400-24-ZNPLY DELTA-IMA-x400-24-ZNPLY Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
IMA-x400-48-ZNPLI DELTA-IMA-x400-48-ZNPLI Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
More results

Similar Description - IMA-x1000-48-YYPLI

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IMA-400 DELTA-IMA-400 Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
IMA-600 DELTA-IMA-600 Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
logo
XP Power Limited
ECS45US24 XPPOWER-ECS45US24 Datasheet
405Kb / 4P
   IT & Medical Safety Approvals
ECS25 XPPOWER-ECS25 Datasheet
4Mb / 11P
   IT & Medical Safety Approvals
logo
Artesyn Technologies
LCM600 ARTESYN-LCM600 Datasheet
1Mb / 7P
   Industrial/Medical safety
logo
Minmax Technology Co., ...
MAU400 MINMAX-MAU400 Datasheet
710Kb / 4P
   Industrial & Medical Safety Approval
logo
Emerson Network Power
NPT40 EMERSON-NETWORKPOWER-NPT40 Datasheet
435Kb / 4P
   Medical and ITE Safety Approvals
logo
Artesyn Technologies
NPS22-M ARTESYN-NPS22-M Datasheet
627Kb / 3P
   Medical and ITE safety approvals
logo
Minmax Technology Co., ...
AYM-60 MINMAX-AYM-60_16 Datasheet
565Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
logo
Delta Electronics, Inc.
AB60S DELTA-AB60S Datasheet
393Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com