Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMA-x1000-24-YYPLI Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # IMA-x1000-24-YYPLI
Description  Safety rated for Medical, Industrial and IT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IMA-x1000-24-YYPLI Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button IMA-x1000-24-YYPLI Datasheet HTML 5Page - Delta Electronics, Inc. IMA-x1000-24-YYPLI Datasheet HTML 6Page - Delta Electronics, Inc. IMA-x1000-24-YYPLI Datasheet HTML 7Page - Delta Electronics, Inc. IMA-x1000-24-YYPLI Datasheet HTML 8Page - Delta Electronics, Inc. IMA-x1000-24-YYPLI Datasheet HTML 9Page - Delta Electronics, Inc. IMA-x1000-24-YYPLI Datasheet HTML 10Page - Delta Electronics, Inc. IMA-x1000-24-YYPLI Datasheet HTML 11Page - Delta Electronics, Inc. IMA-x1000-24-YYPLI Datasheet HTML 12Page - Delta Electronics, Inc. IMA-x1000-24-YYPLI Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
IMA-x1000 Power Supply Series
Dimensional drawings
209.5 mm +1.0
-1.0 (8.25 in
)
+0.04
-0.04
AIRFLOW
LED
VR
J2
J1
J3
PIN2
PIN1
145.0 mm (5.71 in)
30.5 mm
(1.2 in)
M3 screw hole (2x)
both sides
160.0 mm (6.30 in)
15.5 mm
(0.61 in)
M3 screw hole (4x)
bottom side
Fig. 6:
Dimensional drawing IMA-x1000-xx
Notes:
● Base plate mounting, M3 thread holes, maximum penetration 4.0 mm (0.16 in) from outside face of chassis, maximum
torque 0.6 Nm (5.31 lb-in)
● (J1) Input terminal block, Switchlab T14-EMII03, M3.5 screw in 3 positions, torque 1.3 Nm (11.5 lb-in)
● (J2) Output terminal block, Dinkle 0166-8002C, M5 screw in 2 positions, torque 2.4 Nm (21.24 lb-in)
● (J3) Mating connector for J3 is either Molex, part number 51110-1450 (without locking ramp), or Molex part number
51110-1451 (with locking ramp). The connector is not shipped with the power supply unit.
9
Data sheet IMA x1000 Power Supply Series V2.0 2016-08-09


Similar Part No. - IMA-x1000-24-YYPLI

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IMA-x400-12-ZNPLI DELTA-IMA-x400-12-ZNPLI Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
IMA-x400-12-ZNPLY DELTA-IMA-x400-12-ZNPLY Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
IMA-x400-24-ZNPLI DELTA-IMA-x400-24-ZNPLI Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
IMA-x400-24-ZNPLY DELTA-IMA-x400-24-ZNPLY Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
IMA-x400-48-ZNPLI DELTA-IMA-x400-48-ZNPLI Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
More results

Similar Description - IMA-x1000-24-YYPLI

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IMA-400 DELTA-IMA-400 Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
IMA-600 DELTA-IMA-600 Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
logo
XP Power Limited
ECS45US24 XPPOWER-ECS45US24 Datasheet
405Kb / 4P
   IT & Medical Safety Approvals
ECS25 XPPOWER-ECS25 Datasheet
4Mb / 11P
   IT & Medical Safety Approvals
logo
Artesyn Technologies
LCM600 ARTESYN-LCM600 Datasheet
1Mb / 7P
   Industrial/Medical safety
logo
Minmax Technology Co., ...
MAU400 MINMAX-MAU400 Datasheet
710Kb / 4P
   Industrial & Medical Safety Approval
logo
Emerson Network Power
NPT40 EMERSON-NETWORKPOWER-NPT40 Datasheet
435Kb / 4P
   Medical and ITE Safety Approvals
logo
Artesyn Technologies
NPS22-M ARTESYN-NPS22-M Datasheet
627Kb / 3P
   Medical and ITE safety approvals
logo
Minmax Technology Co., ...
AYM-60 MINMAX-AYM-60_16 Datasheet
565Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
logo
Delta Electronics, Inc.
AB60S DELTA-AB60S Datasheet
393Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com