Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VHF85 Datasheet(PDF) 2 Page - IXYS Corporation

Part # VHF85
Description  Half Controlled Single Phase Rectifier Bridge, B2HKF
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VHF85 Datasheet(HTML) 2 Page - IXYS Corporation

  VHF85 Datasheet HTML 1Page - IXYS Corporation VHF85 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2000 IXYS All rights reserved
2 - 2
Symbol
Test Conditions
Characteristic Values
VHF 85
VHF 125
I
R, ID
V
R = VRRM; VD = VDRM
T
VJ = TVJM
£
5mA
T
VJ = 25°C
£
0.3
mA
V
F, VT
I
F, IT = 200 A, TVJ = 25°C
£ 1.75
1.57
V
V
T0
For power-loss calculations only
0.85
0.85
V
r
T
(T
VJ = 125°C)
6
3.5
m
W
V
GT
V
D = 6 V;
T
VJ = 25°C
£
1.5
V
T
VJ = -40°C
£
1.6
V
I
GT
V
D = 6 V;
T
VJ = 25°C
£
100
mA
T
VJ = -40°C
£
200
mA
V
GD
T
VJ = TVJM;VD = 2/3 VDRM
£
0.2
V
I
GD
T
VJ = TVJM;VD = 2/3 VDRM
£
5mA
I
L
I
G = 0.3 A; tG = 30 msTVJ = 25°C
£
450
mA
di
G/dt = 0.3 A/ms
I
H
T
VJ = 25°C; VD = 6 V; RGK = ¥£
200
mA
t
gd
T
VJ = 25°C; VD = 1/2 VDRM
£
2
ms
I
G = 0.3 A; diG/dt = 0.3 A/ms
R
thJC
per thyristor (diode); DC current
0.65
0.46
K/W
per module
0.108
0.077
K/W
R
thJK
per thyristor (diode); DC current
0.8
0.55
K/W
per module
0.133
0.092
K/W
d
S
Creeping distance on surface
10
mm
d
A
Creepage distance in air
9.4
mm
a
Max. allowable acceleration
50
m/s2
VHF 85
VHF 125
M6x10
C~
D~
E ~
A+
B-
12
25
66
26
26
72
80
94
4
5
6
3
1
2
Dimensions in mm (1 mm = 0.0394")


Similar Part No. - VHF85

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
VHF HARRIS-VHF Datasheet
203Kb / 2P
   DCP SIMULCAST SYSTEM
logo
Mini-Circuits
VHF-1080 MINI-VHF-1080 Datasheet
323Kb / 3P
   High Pass Filter
VHF-1080++ MINI-VHF-1080+ Datasheet
323Kb / 3P
   High Pass Filter
VHF-1200 MINI-VHF-1200 Datasheet
104Kb / 4P
   High Pass Filters 850 to 7000 MHz
VHF-1300 MINI-VHF-1300 Datasheet
104Kb / 4P
   High Pass Filters 850 to 7000 MHz
More results

Similar Description - VHF85

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VHFD29 IXYS-VHFD29 Datasheet
85Kb / 3P
   Half Controlled Single Phase Rectifier Bridge
logo
Powersem GmbH
PSBZ36 POWERSEM-PSBZ36 Datasheet
182Kb / 2P
   Single Phase Half Controlled Rectifier Bridge
logo
IXYS Corporation
VHFD16 IXYS-VHFD16 Datasheet
86Kb / 3P
   Half Controlled Single Phase Rectifier Bridge
VHF15-08IO5 IXYS-VHF15-08IO5 Datasheet
95Kb / 3P
   Half Controlled Single Phase Rectifier Bridge
logo
Powersem GmbH
PSBH25 POWERSEM-PSBH25 Datasheet
189Kb / 2P
   Single Phase Half Controlled Rectifier Bridge
logo
IXYS Corporation
L042 IXYS-L042 Datasheet
61Kb / 3P
   Half Controlled Single Phase Rectifier Bridge
logo
MacMic
MMK35LB160HB MACMIC-MMK35LB160HB Datasheet
554Kb / 4P
   Half Controlled Single Phase Rectifier Bridge
logo
Naina Semiconductor ltd...
NHQ55A NAINA-NHQ55A Datasheet
167Kb / 2P
   Single Phase Half Controlled Bridge Rectifier, 55A
NHQ70A NAINA-NHQ70A Datasheet
167Kb / 2P
   Single Phase Half Controlled Bridge Rectifier, 70A
NHQ45A NAINA-NHQ45A Datasheet
167Kb / 2P
   Single Phase Half Controlled Bridge Rectifier, 45A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com