Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS116WS_R1_00001 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BAS116WS_R1_00001
Description  SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS116WS_R1_00001 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BAS116WS_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. BAS116WS_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. BAS116WS_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. BAS116WS_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. BAS116WS_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
May 25,2016­REV.04
BAS116WS
Fig. 1-Reverse Leakage vs. Junction Temperature
Fig. 3- Total capacitance vs. Reverse Voltage
Fig. 2-Forward Current vs. Forward Voltage
Tj, Junction Temperature (Deg C)
V , Forward Voltage (V)
F
V , Reverse Voltage ( V)
R
0
0.001
0.01
0.1
1.0
10
50
100
150
200
V =75V
R
T =-25 C
A
O
T=25 C
A
O
T =125 C
A
O
0.2
0.1
1.0
10
100
1000
0.4
0.6
0.8
1.0
1.2
T=75 C
A
O
CHARACTERISTIC CURVES (each diode)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
0
20406080
100
ELECTRICAL CHARACTERISTICS (each diode) (TA=25OC, unless otherwise noted)
P a ra me te r
S ym b o l
Te s t C o nd i t i o n
Mi n.
Typ .
Ma x.
Uni t s
R e ve rs e B re a kd own Vo lta g e
V (BR)
IR=1 0 0 A7 5
-
-
V
R e ve rs e C urre nt
I R
V R=75V
V R=75V , TJ=150 oC
-
-
2
8
5
80
nA
F orwa rd V o lt ag e
V F
IF=1 mA
IF=1 0 m A
IF=5 0 m A
IF=1 5 0 mA
-
-
-
-
-
-
-
-
0.9
1
1.1
1.2 5
V
To ta l C a p a c i ta nc e
C T
V R=0 V, f= 1 M HZ
--
2
p F
R e ve rs e R e c o ve ry Ti m e
TRR
IF=IR=1 0 mA , RL=1 0 0 
--
3
s


Similar Part No. - BAS116WS_R1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS116WS-AU PANJIT-BAS116WS-AU Datasheet
68Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS-AU_R1_000A1 PANJIT-BAS116WS-AU_R1_000A1 Datasheet
68Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS-AU_R2_000A1 PANJIT-BAS116WS-AU_R2_000A1 Datasheet
68Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS PANJIT-BAS116WS_09 Datasheet
67Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
logo
SeCoS Halbleitertechnol...
BAS116WS SECOS-BAS116WS_15 Datasheet
500Kb / 2P
   Surface Mount Small Signal Switching Diode
More results

Similar Description - BAS116WS_R1_00001

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD6001 CENTRAL-CMPD6001 Datasheet
229Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
logo
Pan Jit International I...
BAV170W PANJIT-BAV170W_16 Datasheet
159Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS PANJIT-BAS116WS_09 Datasheet
67Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS PANJIT-BAS116WS Datasheet
58Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS-AU PANJIT-BAS116WS-AU Datasheet
68Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
logo
Central Semiconductor C...
CMDD6001 CENTRAL-CMDD6001 Datasheet
117Kb / 2P
   SUPERminiTM SURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
CMPD6001 CENTRAL-CMPD6001_10 Datasheet
653Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMDD6001 CENTRAL-CMDD6001_10 Datasheet
367Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMOD3003 CENTRAL-CMOD3003_10 Datasheet
343Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMDD3003 CENTRAL-CMDD3003 Datasheet
109Kb / 2P
   SUPERmini SURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com