Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VCA2613 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # VCA2613
Description  Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

VCA2613 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button VCA2613 Datasheet HTML 3Page - Burr-Brown (TI) VCA2613 Datasheet HTML 4Page - Burr-Brown (TI) VCA2613 Datasheet HTML 5Page - Burr-Brown (TI) VCA2613 Datasheet HTML 6Page - Burr-Brown (TI) VCA2613 Datasheet HTML 7Page - Burr-Brown (TI) VCA2613 Datasheet HTML 8Page - Burr-Brown (TI) VCA2613 Datasheet HTML 9Page - Burr-Brown (TI) VCA2613 Datasheet HTML 10Page - Burr-Brown (TI) VCA2613 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
VCA2613
7
SBOS179D
www.ti.com
LNP GAIN (dB)
Input-Referred
Output-Referred
25
1.54
2260
22
1.59
1650
17
1.82
1060
5
4.07
597
The LNP is capable of generating a 2VPP differential signal.
The maximum signal at the LNP input is therefore 2VPP
divided by the LNP gain. An input signal greater than this
would exceed the linear range of the LNP, an especially
important consideration at low LNP gain settings.
ACTIVE FEEDBACK WITH THE LNP
One of the key features of the LNP architecture is the ability
to employ active-feedback termination to achieve superior
noise performance. Active-feedback termination achieves a
lower noise figure than conventional shunt termination, es-
sentially because no signal current is wasted in the termina-
tion resistor itself. Another way to understand this is as
follows: Consider first that the input source, at the far end of
the signal cable, has a cable-matching source resistance of
RS. Using conventional shunt termination at the LNP input, a
second terminating resistor of value RS is connected to
ground. Therefore, the signal loss is 6dB due to the voltage
divider action of the series and shunt RS resistors. The
effective source resistance has been reduced by the same
factor of 2, but the noise contribution has been reduced by
only the
√2, only a 3dB reduction. Therefore, the net theoreti-
cal SNR degradation is 3dB, assuming a noise-free amplifier
input. (In practice, the amplifier noise contribution will de-
grade both the unterminated and the terminated noise fig-
ures, somewhat reducing the distinction between them.)
See Figure 5 for an amplifier using active feedback. This
diagram appears very similar to a traditional inverting ampli-
fier. However, the analysis is somewhat different because
the gain
A in this case is not a very large open-loop op amp
gain; rather it is the relatively low and controlled gain of the
LNP itself. Thus, the impedance at the inverting amplifier
terminal will be reduced by a finite amount, as given in the
familiar relationship of Equation (3):
R
R
1A
IN
F
=
+
(
)
where RF is the feedback resistor (supplied externally be-
tween the LNPINP and FB terminals for each channel), A is
the user-selected gain of the LNP, and RIN is the resulting
amplifier input impedance with active feedback. In this case,
unlike the conventional termination above, both the signal
voltage and the RS noise are attenuated by the same factor
It is also possible to create other gain settings by connecting
an external resistor between LNPGS1 on one side, and
LNPGS2 and/or LNPGS3 on the other. In that case, the
internal resistor values shown in Figure 4 should be com-
bined with the external resistor to calculate the effective
value of RS for use in Equation (1). The resulting expression
for external resistor value is given in Equation (2).
R
RR
R
R
Gain RR
Gain R
R
EXT
S
L
FIX
L
S
FIX
S
L
=
+•
22
2
11
1
where REXT is the externally selected resistor value needed
to achieve the desired gain setting, RS1 is the fixed parallel
resistor in Figure 4, and RFIX is the effective fixed value of the
remaining internal resistors: RS2, RS3, or (RS2 || RS3) depend-
ing on the pin connections.
Note that the best process and temperature stability will be
achieved by using the pre-programmed fixed gain options of
Table I, since the gain is then set entirely by internal resistor
ratios, which are typically accurate to
±0.5%, and track quite
well over process and temperature. When combining exter-
nal resistors with the internal values to create an effective RS
value, note that the internal resistors have a typical tempera-
ture coefficient of +700ppm/
°C and an absolute value toler-
ance of approximately
±5%, yielding somewhat less predict-
able and stable gain settings. With or without external resis-
tors, the board layout should use short Gain Strap connec-
tions to minimize parasitic resistance and inductance effects.
The overall noise performance of the VCA2613 will vary as
a function of gain. Table II shows the typical input- and
output-referred noise densities of the entire VCA2613 for
maximum VCA and PGA gain; i.e., VCACNTL set to 3.0V and
all MGS bits set to
1. Note that the input-referred noise
values include the contribution of a 50
Ω fixed source imped-
ance, and are therefore somewhat larger than the intrinsic
input noise. As the LNP gain is reduced, the noise contribu-
tion from the VCA/PGA portion becomes more significant,
resulting in higher input-referred noise. However, the output-
referred noise, which is indicative of the overall SNR at that
gain setting, is reduced.
NOISE (nV/
√Hz)
TABLE II. Noise Performance for MGS = 111 and VCACNTL = 3.0V.
LNP PIN STRAPPING
LNP GAIN (dB)
LNPGS1, LNPGS2, LNPGS3 Connected Together
25
LNPGS1 Connected to LNPGS3
22
LNPGS1 Connected to LNPGS2
17
All Pins Open
5
TABLE I. Pin Strappings of the LNP for Various Gains.
(3)
(2)
where RL is the load resistor in the drains of Q3 and Q8, and
RS is the resistor connected between the sources of the input
transistors Q4 and Q7. The connections for various RS com-
binations are brought out to device pins LNPGS1, LNPGS2,
and LNPGS3 (pins 13-15 for channel A, 22-24 for channel B).
These Gain Strap pins allow the user to establish one of four
fixed LNP gain options as shown in Table I.
To preserve the low noise performance of the LNP, the user
should take care to minimize resistance in the input lead. A
parasitic resistance of only 10
Ω will contribute 0.4nV/√Hz.


Similar Part No. - VCA2613

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA2613 TI-VCA2613 Datasheet
899Kb / 35P
[Old version datasheet]   Wideband, > 40dB Gain Adjust Range, Linear in V/V VARIABLE GAIN AMPLIFIER
VCA2613 TI1-VCA2613 Datasheet
934Kb / 30P
[Old version datasheet]   High Gain Adjust Range, Wideband, VARIABLE GAIN AMPLIFIER
VCA2613 TI1-VCA2613 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Wideband, > 40dB Gain Adjust Range, Linear in dB VARIABLE GAIN AMPLIFIER
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
VCA2613EVM TI1-VCA2613EVM Datasheet
405Kb / 10P
[Old version datasheet]   SINGLE-ENDED TO DIFFERENTIAL INPUT VIA TRANSFORMERS FOR VCA
More results

Similar Description - VCA2613

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VCA2612 TI1-VCA2612_14 Datasheet
1Mb / 25P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
logo
TEXAS ADVANCED OPTOELEC...
VCA2616 TAOS-VCA2616 Datasheet
1Mb / 23P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
logo
Texas Instruments
VCA2613 TI1-VCA2613 Datasheet
775Kb / 20P
[Old version datasheet]   Dual, VARIABLE GAIN AMPLIFIER with Low-Noise Preamp
VCA2615 TI-VCA2615 Datasheet
744Kb / 29P
[Old version datasheet]   Dual, Low-Noise Variable-Gain Amplifier with Preamp
logo
Burr-Brown (TI)
VCA2611 BURR-BROWN-VCA2611 Datasheet
389Kb / 19P
   Dual, Variable-Gain Amplifier with Low-Noise Preamp
VCA2612 BURR-BROWN-VCA2612 Datasheet
270Kb / 19P
   TMDual, VARIABLE GAIN AMPLIFIER with Low Noise Preamp
logo
DAICO Industries, Inc.
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
   Variable Gain Low Noise Amplifier
DAML6280 DAICO-DAML6280 Datasheet
183Kb / 1P
   Variable Gain Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com