Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HET200VC Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # HET200VC
Description  FAN / TEC / Control fail alarm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

HET200VC Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  HET200VC Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HET200VC series
Dimension drawing
Features
Model Number
◆ IP55 waterproof at external side
HET200VC
Outline dimension
mm 400 H x 181 W x 169 D
◆ Clear LED status indicator
Weight
Kg
6.0 ± 0.5
◆ Standalone temperature control
Cooling capacity (△T =0 ℃)
W
200
Heating capacity @-40゚C
W
225
Rated voltage
VDC
24 (TYP.)
Operating voltage range
VDC
20-28
Design
Actuality Current
A
12A(TYP.)
◆ High efficiency of cooling & Heating
Power Consumption
W
288
◆ Thermal electric cooling module
Operating temperature
°C
-40~55
◆ Rated voltage at 24V
Internal airflow rate
85 (TYP.)
◆ Built-in controller
External airflow rate
115 (TYP.)
Acoustic noise at 1M :
61.0 dB-A(Typ.)
(Sound pressure)
65.0(Max.)
* Specifications are subject to change without
notice.
◆High efficiency and reliable fan modules
◆ FAN / TEC / Control fail alarm
Main feature
Unit
CFM
dB-A
Door mount


Similar Part No. - HET200VC

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
HET200VB DELTA-HET200VB Datasheet
263Kb / 1P
   IP55 waterproof at external side
More results

Similar Description - HET200VC

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATFC109D ANALOGTECHNOLOGIES-ATFC109D Datasheet
573Kb / 7P
   Digital TEC/Fan Controller
1/29/2022
ATFC106D ANALOGTECHNOLOGIES-ATFC106D Datasheet
319Kb / 9P
   Digital TEC/Fan Controller
1/29/2022
logo
ELMOS Semiconductor AG
E910.16 ELMOS-E910.16 Datasheet
118Kb / 1P
   Fan control
logo
MOSDESIGN SEMICONDUCTOR...
M3764 MOSDESIGN-M3764 Datasheet
136Kb / 1P
   VDD CONTROL ALARM SOUND
2011-05-05
M3764-518 MOSDESIGN-M3764-518 Datasheet
137Kb / 1P
   VDD CONTROL ALARM SOUND
2011-05-05
logo
List of Unclassifed Man...
M3764 ETC-M3764 Datasheet
107Kb / 1P
   VDD CONTROL ALARM SOUND
logo
Gamewell-FCI by Honeywe...
FC-73 GAMEWELL-FCI-FC-73 Datasheet
538Kb / 4P
   Fire Alarm Control Panel
logo
Princeton Technology Co...
PT2275 PTC-PT2275 Datasheet
228Kb / 4P
   Fan Remote Control
logo
List of Unclassifed Man...
MS9200 ETC1-MS9200 Datasheet
446Kb / 4P
   Addressable Fire Alarm Control Panel
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
   REMOTE FAN CONTROL
2003-07-21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com