Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VC-30 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # VC-30
Description  ASSP for Mobile Telephone
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

VC-30 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  VC-30 Datasheet HTML 1Page - Fujitsu Component Limited. VC-30 Datasheet HTML 2Page - Fujitsu Component Limited. VC-30 Datasheet HTML 3Page - Fujitsu Component Limited. VC-30 Datasheet HTML 4Page - Fujitsu Component Limited. VC-30 Datasheet HTML 5Page - Fujitsu Component Limited. VC-30 Datasheet HTML 6Page - Fujitsu Component Limited. VC-30 Datasheet HTML 7Page - Fujitsu Component Limited. VC-30 Datasheet HTML 8Page - Fujitsu Component Limited. VC-30 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
VC-30 Series
4
2.
For CDMA (Part number : VC-3R3A30-0967)
• Absolute Maximum Ratings
WARNING: VCO can be permanently damaged by application of stress (voltage, temperature, humidity, etc.) in
excess of absolute maximum ratings. Do not exceed these ratings.
• Electrical Characteristics
(Ta
= +25 °C ± 3 °C)
* : Ta
= −30 °C to +80 °C
Parameter
Symbol
Rating
Unit
Min.
Max.
Input DC voltage
VCC
+ 7.0
V
Operating temperature
Ta
−30
+80
°C
Storage temperature
Tstg
−40
+90
°C
Storage humidity
Hstg
5
95
%
Parameter
Symbol
Conditions
Value
Unit
Min.
Typ.
Max.
Current
consumption
ICC
VCC
= 3.35 V, Vt = 1.7 V

6.0
6.4*
mA
Frequency
fmin
VCC
= 3.35 V, Vt = 0.7 V

954.0*
MHz
Frequency
fmax
VCC
= 3.35 V, Vt = 2.7 V
980.0*

MHz
Control voltage
sensitivity
kv
(fmax
− fmin) / 2.0
18.0*
23.0
28.0*
MHz/V
Oscillator output
PO
VCC
= 3.35 V, Vt = 1.7 V
−5.0
−6.0*
−2.5
0.0
1.0*
dBm
C/N
C/N
VCC
= 3.35 V, Vt = 1.7 V,
Offset
= 1 kHz, BW = 1 Hz
70.0*

dBc/Hz
VCC
= 3.35 V, Vt = 1.7 V,
Offset
= 10 kHz, BW = 1 Hz
100.0*

dBc/Hz
VCC
= 3.35 V, Vt = 1.7 V,
Offset
= 30 kHz, BW = 1 Hz
110.0*

dBc/Hz
VCC
= 3.35 V, Vt = 1.7 V,
Offset
= 60 kHz, BW = 1 Hz
115.0*

dBc/Hz
Higher harmonics
Hs
VCC
= 3.35 V, Vt = 1.7 V,
2nd, 3rd

−10.0*
dBc
Spurious
Sp
VCC
= 3.35 V, Vt = 1.7 V

−70.0*
dBc
Power supply
variation
Push
VCC
= 3.35 V±0.25 V,
Vt
= 1.7 V

±800*
kHz
Load variation
Pull
VCC
= 3.35 V, Vt = 1.7 V,
VSWR
= 2 ALL PHASE

±1000*
kHz
Temperature drift
Td
Ta
= +25 °C ± 55 °C

±3000*
kHz


Similar Part No. - VC-30

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VC-3R0A23 FUJITSU-VC-3R0A23 Datasheet
105Kb / 11P
   ASSP for Mobile Telephone
VC-3R0A230967B FUJITSU-VC-3R0A230967B Datasheet
105Kb / 11P
   ASSP for Mobile Telephone VCO (800 to 2000 MHz)
VC-3R0A231750B FUJITSU-VC-3R0A231750B Datasheet
105Kb / 11P
   ASSP for Mobile Telephone
VC-3R0A231750B FUJITSU-VC-3R0A231750B Datasheet
105Kb / 11P
   ASSP for Mobile Telephone VCO (800 to 2000 MHz)
VC-3R0A23967B FUJITSU-VC-3R0A23967B Datasheet
105Kb / 11P
   ASSP for Mobile Telephone
More results

Similar Description - VC-30

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
VC-3R0A23 FUJITSU-VC-3R0A23 Datasheet
105Kb / 11P
   ASSP for Mobile Telephone
VC-2R8A30 FUJITSU-VC-2R8A30 Datasheet
154Kb / 15P
   ASSP for Mobile Telephone
VC-50 FUJITSU-VC-50 Datasheet
229Kb / 20P
   ASSP for Mobile Telephone
VC-3R0A50 FUJITSU-VC-3R0A50 Datasheet
248Kb / 20P
   ASSP for Mobile Telephone
VC-2R2A80 FUJITSU-VC-2R2A80 Datasheet
152Kb / 13P
   ASSP for Mobile Telephone
VC-2R8A26 FUJITSU-VC-2R8A26 Datasheet
100Kb / 11P
   ASSP for Mobile Telephone
VC-23 FUJITSU-VC-23 Datasheet
105Kb / 11P
   ASSP for Mobile Telephone VCO (800 to 2000 MHz)
logo
Mitsubishi Electric Sem...
MF1151V-2 MITSUBISHI-MF1151V-2 Datasheet
54Kb / 1P
   FOR AMPS MOBILE TELEPHONE, Tx
MF1010S-1 MITSUBISHI-MF1010S-1 Datasheet
133Kb / 1P
   FOR AMPS MOBILE TELEPHONE, Tx
MF1083V-2 MITSUBISHI-MF1083V-2 Datasheet
63Kb / 1P
   FOR DCS MOBILE TELEPHONE, Rx
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com