Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1SV12008 Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # HA1SV12008
Description  100W DC/DC Power Modules
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

HA1SV12008 Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button HA1SV12008 Datasheet HTML 3Page - Delta Electronics, Inc. HA1SV12008 Datasheet HTML 4Page - Delta Electronics, Inc. HA1SV12008 Datasheet HTML 5Page - Delta Electronics, Inc. HA1SV12008 Datasheet HTML 6Page - Delta Electronics, Inc. HA1SV12008 Datasheet HTML 7Page - Delta Electronics, Inc. HA1SV12008 Datasheet HTML 8Page - Delta Electronics, Inc. HA1SV12008 Datasheet HTML 9Page - Delta Electronics, Inc. HA1SV12008 Datasheet HTML 10Page - Delta Electronics, Inc. HA1SV12008 Datasheet HTML 11Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DS_HA1SV12008_04082016
E-mail: dcdc@deltaww.com
http://www.deltaww.com/dcdc
P7
The output voltage can be increased by both the remote
sense and the trim, however the maximum increase is
the larger of either the remote sense or the trim, not the
sum of both.
When using remote sense and trim, the output voltage
of the module is usually increased, which increases the
power output of the module with the same output
current.
Care should be taken to ensure that the maximum
output power of the module remains at or below the
maximum rated power.
Pin function
The pin was difine as follow in figure 20 ,we will explain
the pin function:
+IN, -IN .
DC voltage inputs.
Gate IN.
The Gate IN pin on a driver module may be
used as a logic enable/disable input.When Gate IN is pull
low (<1V,referenced to
–Vin ),the module is turned off .
when Gate IN is floating (open collector) ,the module is
turned on .The open circuit voltage of Gate in PIN is less
than 5V.
Gate OUT.
T
he pulsed signal at the Gate OUT pin of a
regulating driver module is used to synchronously drive
the surge circuit
in order to meet the RIA12 surge
needed. If you don’t used this function, please floating it.
+OUT, -OUT.
DC voltage outputs.
T(TRIM). Provides fixed or variable adjustment of the
module output.
Trimming down.
Allows output voltage of the module to
be trimmed down, with a decrease in efficiency .ripple as
a percent of output voltage goes up and input range
widens since input voltage dropout(loss of regulation)
moves down
Trimming up.
Reverses the above effects.
-Sense,+Sense. Provides for locating the point of optimal
voltage regulation external to the converter.
THERMAL CONSIDERATIONS
Thermal management is an important part of the
system design. To ensure proper, reliable operation,
sufficient cooling of the power module is needed over
the
entire
temperature
range
of
the
module.
Convection cooling is usually the dominant mode of
heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in
which the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted
on a test PWB and is vertically positioned within the
wind tunnel. The space between the neighboring PWB
and the top of the power module is constantly kept at
6.35mm (0.25’’).
AIR FLOW
MODULE
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
SURED BELOW
THE MODULE
FANCING PWB
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
Figure 15: Wind tunnel test setup
Thermal Derating
Heat can be removed by increasing airflow over the
module. To enhance system reliability, the power
module
should
always
be
operated
below
the
maximum operating temperature. If the temperature
exceeds the maximum module temperature, reliability
of the unit may be affected.


Similar Part No. - HA1SV12008

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
HA1SV12008PRFA DELTA-HA1SV12008PRFA Datasheet
575Kb / 12P
   100W DC/DC Power Modules
More results

Similar Description - HA1SV12008

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
HA1SV15007PRFA DELTA-HA1SV15007PRFA Datasheet
482Kb / 11P
   100W DC/DC Power Modules
HA1SV12008PRFA DELTA-HA1SV12008PRFA Datasheet
575Kb / 12P
   100W DC/DC Power Modules
V48SC05020 DELTA-V48SC05020 Datasheet
725Kb / 15P
   100W DC/DC Power Modules
V48SH1R840NNFA DELTA-V48SH1R840NNFA_14 Datasheet
719Kb / 15P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SH1R830 DELTA-V48SH1R830 Datasheet
743Kb / 13P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
V48SH3R325NNFA DELTA-V48SH3R325NNFA_14 Datasheet
681Kb / 14P
   Delphi Series V48SH, 1/16th Brick 100W DC/DC Power Modules
logo
Wall Industries,Inc.
SP24S12-100 WALL-SP24S12-100 Datasheet
254Kb / 7P
   100W DC-DC Converter
SP48S48-100 WALL-SP48S48-100 Datasheet
244Kb / 7P
   100W DC-DC Converter
logo
List of Unclassifed Man...
HDD100 ETC1-HDD100 Datasheet
184Kb / 3P
   DC-DC CONVERTER 100W
logo
Wall Industries,Inc.
SP48S12-100 WALL-SP48S12-100 Datasheet
249Kb / 7P
   100W DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com