Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H48SC3R325 Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # H48SC3R325
Description  Industry standard pin out
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

H48SC3R325 Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button H48SC3R325 Datasheet HTML 4Page - Delta Electronics, Inc. H48SC3R325 Datasheet HTML 5Page - Delta Electronics, Inc. H48SC3R325 Datasheet HTML 6Page - Delta Electronics, Inc. H48SC3R325 Datasheet HTML 7Page - Delta Electronics, Inc. H48SC3R325 Datasheet HTML 8Page - Delta Electronics, Inc. H48SC3R325 Datasheet HTML 9Page - Delta Electronics, Inc. H48SC3R325 Datasheet HTML 10Page - Delta Electronics, Inc. H48SC3R325 Datasheet HTML 11Page - Delta Electronics, Inc. H48SC3R325 Datasheet HTML 12Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
H48SC3R325_07122011
9
FEATURES DESCRIPTIONS (CON.)
Output Voltage Adjustment (TRIM)
To increase or decrease the output voltage set point,
the modules may be connected with an external
resistor between the TRIM pin and either the
SENSE(+) or SENSE(-). The TRIM pin should be left
open if this feature is not used.
Figure 18: Circuit configuration for trim-down (decrease
output voltage)
If the external resistor is connected between the TRIM
and SENSE (-) pins, the output voltage set point
decreases (Fig. 18). The external resistor value
required to obtain a percentage of output voltage
change △% is defined as:
Rtrim down=
100
2

ΚΩ
Ex. When Trim-down 10% (3.3V×0.9=2.97V)
Vo
3.3
:=
V
10
:=
100
2
8
=
K
Figure 19: Circuit configuration for trim-up (increase output
voltage)
If the external resistor is connected between the TRIM
and SENSE (+) the output voltage set point increases
(Fig. 19). The external resistor value required to obtain
a percentage output voltage change △% is defined
as:
Rtrim up= Vo 100
+
(
)
1.225
100
2
+
ΚΩ
Ex. When Trim-up +10%(3.3V×1.1=3.63V)
Vo
3.3
:=
V
10
:=
Vo
100
+
()
1.225
100
2
+
17.633
=
K
The output voltage can be increased by both the remote
sense and the trim, however the maximum increase is
the larger of either the remote sense or the trim, not the
sum of both.
When using remote sense and trim, the output voltage
of the module is usually increased, which increases the
power output of the module with the same output
current?
Care should be taken to ensure that the maximum
output power of the module remains at or below the
maximum rated power.


Similar Part No. - H48SC3R325

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SC3R325PSFA DELTA-H48SC3R325PSFA Datasheet
400Kb / 12P
   Delphi Series H48SC3R325, 85W Half Brick Family DC/DC Power Modules: 48V in, 3.3V/25A out
More results

Similar Description - H48SC3R325

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
   Industry standard pin out
E48SH DELTA-E48SH Datasheet
1Mb / 17P
   Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
   Industry standard pin out
E36SR DELTA-E36SR Datasheet
824Kb / 15P
   Industry standard pin out
DIM DELTA-DIM Datasheet
602Kb / 13P
   Industry standard pin out
E48SC DELTA-E48SC Datasheet
486Kb / 15P
   Industry standard pin out
E48SC05015 DELTA-E48SC05015 Datasheet
471Kb / 15P
   Industry standard pin out
H48SA53010 DELTA-H48SA53010 Datasheet
1Mb / 13P
   Industry standard pin out
logo
SynQor Worldwide Headqu...
PQ24018QGX25 SYNQOR-PQ24018QGX25 Datasheet
2Mb / 16P
   Industry standard pin-out configuration
SQ60120HZA50 SYNQOR-SQ60120HZA50 Datasheet
2Mb / 14P
   Industry standard pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com