Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H48SA53010NNFH Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # H48SA53010NNFH
Description  Industry standard pin out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

H48SA53010NNFH Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  H48SA53010NNFH Datasheet HTML 1Page - Delta Electronics, Inc. H48SA53010NNFH Datasheet HTML 2Page - Delta Electronics, Inc. H48SA53010NNFH Datasheet HTML 3Page - Delta Electronics, Inc. H48SA53010NNFH Datasheet HTML 4Page - Delta Electronics, Inc. H48SA53010NNFH Datasheet HTML 5Page - Delta Electronics, Inc. H48SA53010NNFH Datasheet HTML 6Page - Delta Electronics, Inc. H48SA53010NNFH Datasheet HTML 7Page - Delta Electronics, Inc. H48SA53010NNFH Datasheet HTML 8Page - Delta Electronics, Inc. H48SA53010NNFH Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DS_H48SA53010_10212014
5
ELECTRICAL CHARACTERISTICS CURVES
Figure 9: Input Terminal Ripple Current, ic, at nominal input
voltage and rated load current with 12µH source impedance
and 150µF electrolytic capacitor (200 mA/div).
Figure 10: Input reflected ripple current, is, through a 12µH source
inductor at nominal input voltage and rated load current
(50 mA/div).
Figure 11: Output voltage noise and ripple measurement
test setup.
Figure 12: Output voltage ripple at nominal input voltage and
rated load current (20 mV/div). Load capacitance: 100µF ceramic
capacitor and 220µF electrolytic capacitor. Bandwidth: 20 MHz.
Scope measurement should be made using a BNC cable (length
shorter than 20 inches). Position the load between 51 mm to 76
mm (2 inches to 3 inches) from the module.


Similar Part No. - H48SA53010NNFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SA53010NNFH DELTA-H48SA53010NNFH Datasheet
1Mb / 13P
   Delphi Series H48SA53010, Half Brick Family DC/DC Power Modules: 48V in, 54V/10.2A out
More results

Similar Description - H48SA53010NNFH

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
   Industry standard pin out
E48SH DELTA-E48SH Datasheet
1Mb / 17P
   Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
   Industry standard pin out
E36SR DELTA-E36SR Datasheet
824Kb / 15P
   Industry standard pin out
DIM DELTA-DIM Datasheet
602Kb / 13P
   Industry standard pin out
E48SC DELTA-E48SC Datasheet
486Kb / 15P
   Industry standard pin out
H48SC3R325 DELTA-H48SC3R325 Datasheet
400Kb / 12P
   Industry standard pin out
E48SC05015 DELTA-E48SC05015 Datasheet
471Kb / 15P
   Industry standard pin out
logo
SynQor Worldwide Headqu...
PQ24018QGX25 SYNQOR-PQ24018QGX25 Datasheet
2Mb / 16P
   Industry standard pin-out configuration
SQ60120HZA50 SYNQOR-SQ60120HZA50 Datasheet
2Mb / 14P
   Industry standard pin-out configuration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com