Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H48SA Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # H48SA
Description  Standard footprint
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

H48SA Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button H48SA Datasheet HTML 2Page - Delta Electronics, Inc. H48SA Datasheet HTML 3Page - Delta Electronics, Inc. H48SA Datasheet HTML 4Page - Delta Electronics, Inc. H48SA Datasheet HTML 5Page - Delta Electronics, Inc. H48SA Datasheet HTML 6Page - Delta Electronics, Inc. H48SA Datasheet HTML 7Page - Delta Electronics, Inc. H48SA Datasheet HTML 8Page - Delta Electronics, Inc. H48SA Datasheet HTML 9Page - Delta Electronics, Inc. H48SA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
H48SA28016_04212011
6
ELECTRICAL CHARACTERISTICS CURVES
Figure 10: Input Terminal Ripple Current, ic, at full rated output
current and nominal input voltage with 12µH source impedance
and 220µF electrolytic capacitor (1A/div).
Figure 11: Input reflected ripple current, is, through a 12µH
source inductor at nominal input voltage and rated load
current (10 mA/div)
Vo(-)
Vo(+)
10u
1u
Copper
Strip
SCOPE
RESISTIVE
LOAD
Figure 12: Output voltage noise and ripple measurement test
setup


Similar Part No. - H48SA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 15P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules
H48SA12025NNFA DELTA-H48SA12025NNFA_14 Datasheet
508Kb / 15P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules
H48SA12025NNFH DELTA-H48SA12025NNFH Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
H48SA12025PNFA DELTA-H48SA12025PNFA Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
More results

Similar Description - H48SA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SC12008 DELTA-E48SC12008 Datasheet
930Kb / 17P
   Standard footprint
Q48SQ DELTA-Q48SQ Datasheet
729Kb / 13P
   Standard footprint
E48SC3R315 DELTA-E48SC3R315 Datasheet
538Kb / 15P
   Standard footprint
DCT DELTA-DCT Datasheet
1Mb / 20P
   Standard footprint
E48SC05012 DELTA-E48SC05012 Datasheet
760Kb / 15P
   Standard footprint
DNM04SMD10 DELTA-DNM04SMD10 Datasheet
994Kb / 17P
   Standard footprint
DNL10SMD DELTA-DNL10SMD Datasheet
936Kb / 15P
   Standard footprint
logo
Emerson Network Power
BXB100 EMERSON-NETWORKPOWER-BXB100 Datasheet
593Kb / 3P
   Industry standard footprint
logo
MMD Components
MVAH5 MMD-MVAH5 Datasheet
88Kb / 2P
   Industry Standard Footprint
logo
Delta Electronics, Inc.
DNT12 DELTA-DNT12 Datasheet
625Kb / 13P
   Standard footprint and pinout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com