Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UNR9115J Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # UNR9115J
Description  Silicon PNP epitaxial planar type
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UNR9115J Datasheet(HTML) 2 Page - Panasonic Semiconductor

  UNR9115J Datasheet HTML 1Page - Panasonic Semiconductor UNR9115J Datasheet HTML 2Page - Panasonic Semiconductor UNR9115J Datasheet HTML 3Page - Panasonic Semiconductor UNR9115J Datasheet HTML 4Page - Panasonic Semiconductor UNR9115J Datasheet HTML 5Page - Panasonic Semiconductor UNR9115J Datasheet HTML 6Page - Panasonic Semiconductor UNR9115J Datasheet HTML 7Page - Panasonic Semiconductor UNR9115J Datasheet HTML 8Page - Panasonic Semiconductor UNR9115J Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
UNR911xJ Series
SJH00038BED
■ Electrical Characteristics T
a = 25°C ± 3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC = −10 µA, IE = 0
−50
V
Collector-emitter voltage (Base open)
VCEO
IC = −2 mA, IB = 0
−50
V
Collector-base cutoff current (Emitter open)
ICBO
VCB
= −50 V, I
E
= 0
− 0.1
µA
Collector-base cutoff current (Emitter open)
ICEO
VCE = −50 V, IB = 0
− 0.5
µA
Emitter-base UNR9115J/9116J/9117J/911BJ
IEBO
VEB = −6 V, IC = 0
− 0.01
mA
cutoff current UNR9110J/9113J/911AJ
− 0.1
(Collector
UNR9112J/9114J/911DJ/
− 0.2
open)
911EJ/911MJ/911NJ/911TJ
UNR9111J
− 0.5
UNR911FJ/911HJ
−1.0
UNR9119J
−1.5
UNR9118J/911CJ/911LJ/911VJ
−2.0
Forward
UNR911VJ
hFE
VCE = −10 V, IC = −5 mA
6
20
current
UNR9118J/911LJ
20
transfer
UNR9119J/911DJ/911FJ/911HJ
30
ratio
UNR9111J
35
UNR9112J/911EJ
60
UNR9113J/9114J/911AJ/
80
911CJ/911MJ
UNR911NJ/911TJ
80
400
UNR9110J/9115J/9116J/
160
460
9117J/911BJ
Collector-emitter saturation voltage
VCE(sat)
IC = −10 mA, IB = − 0.3 mA
− 0.25
V
UNR911VJ
IC
= −10 mA, I
B
= −1.5 mA
Output voltage high-level
VOH
VCC = −5 V, VB = − 0.5 V, RL = 1 kΩ−4.9
V
Output voltage low-level
VOL
VCC = −5 V, VB = −2.5 V, RL = 1 kΩ− 0.2
V
UNR9113J/911BJ
VCC
= −5 V, V
B
= −3.5 V, R
L
= 1 kΩ
UNR911DJ
VCC = −5 V, VB = −10 V, RL = 1 kΩ
UNR911EJ
VCC = −5 V, VB = −6 V, RL = 1 kΩ
UNR911AJ
VCC
= −5 V, V
B
= −5 V, R
L
= 1 kΩ
Transition frequency
fT
VCB = −10 V, IE = 1 mA, f = 200 MHz
80
MHz
UNR9113J
VCB = −10 V, IE = 1 mA, f = 200 MHz
150
UNR911AJ
VCB
= −10 V, I
E
= 2 mA, f = 200 MHz
80
UNR911CJ
VCB = −10 V, IE = 2 mA, f = 200 MHz
150
Input
UNR9118J
R1
−30%
0.51
+30%
k
resistance UNR9119J
1.0
UNR911HJ/911MJ/911VJ
2.2
UNR9116J/911FJ/911LJ/911NJ
4.7
UNR9111J/9114J/9115J
10
UNR9112J/9117J/911TJ
22
UNR9110J/9113J/911DJ/911EJ
47
UNR911AJ/911BJ
100


Similar Part No. - UNR9115J

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UNR911AJ PANASONIC-UNR911AJ Datasheet
188Kb / 14P
   Silicon PNP epitaxial planer transistor
UNR911BJ PANASONIC-UNR911BJ Datasheet
188Kb / 14P
   Silicon PNP epitaxial planer transistor
UNR911CJ PANASONIC-UNR911CJ Datasheet
188Kb / 14P
   Silicon PNP epitaxial planer transistor
More results

Similar Description - UNR9115J

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com