Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UNR212Y Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # UNR212Y
Description  Silicon PNP epitaxial planar type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UNR212Y Datasheet(HTML) 1 Page - Panasonic Semiconductor

  UNR212Y Datasheet HTML 1Page - Panasonic Semiconductor UNR212Y Datasheet HTML 2Page - Panasonic Semiconductor UNR212Y Datasheet HTML 3Page - Panasonic Semiconductor UNR212Y Datasheet HTML 4Page - Panasonic Semiconductor UNR212Y Datasheet HTML 5Page - Panasonic Semiconductor UNR212Y Datasheet HTML 6Page - Panasonic Semiconductor UNR212Y Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Transistors with built-in Resistor
1
Publication date: December 2003
SJH00008CED
UNR212x Series (UN212x Series)
Silicon PNP epitaxial planar type
For digital circuits
■ Features
• Costs can be reduced through downsizing of the equipment and
reduction of the number of parts.
• Mini type package allowing easy automatic insertion through tape
packing and magazine packing
■ Resistance by Part Number
Marking Symbol (R1)(R2)
• UNR2121 (UN2121)
7A
2.2 k
2.2 k
• UNR2122 (UN2122)
7B
4.7 k
4.7 k
• UNR2123 (UN2123)
7C
10 k
10 k
• UNR2124 (UN2124)
7D
2.2 k
10 k
• UNR212X (UN212X)
7I
0.27 k
5 k
• UNR212Y (UN212Y)
7Y
3.1 k
4.6 k
■ Absolute Maximum Ratings T
a
= 25°C
B
R1
R2
C
E
Internal Connection
Unit: mm
1: Base
2: Emitter
3: Collector
EIAJ: SC-59
Mini3-G1 Package
0.40
+0.10
–0.05
2
1
3
(0.95) (0.95)
1.9±0.1
2.90
+0.20
–0.05
0.16
+0.10
–0.06
10˚
Note) The part numbers in the parenthesis show conventional part number.
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
−50
V
Collector-emitter voltage (Base open)
VCEO
−50
V
Collector current
IC
−500
mA
Total power dissipation
PT
200
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage (Emitter open)
VCBO
IC
= −10 µA, I
E
= 0
−50
V
Collector-emitter voltage (Base open)
VCEO
IC = −2 mA, IB = 0
−50
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = −50 V, IE = 0
−1.0
µA
UNR212X
− 0.1
Collector-emitter cutoff current (Base open)
ICEO
VCE = −50 V, IB = 0
−1.0
µA
UNR212X
− 0.5
Emitter-base
UNR2121
IEBO
VEB
= −6 V, I
C
= 0
−5mA
cutoff current UNR2122/212X/212Y
−2
(Collector open) UNR2123/2124
−1
Forward current
UNR2121
hFE
VCE
= −10 V, I
C
= −5 mA
40
transfer ratio
UNR2122/212Y
50
UNR2123/2124
60
UNR212X
20
■ Electrical Characteristics T
a
= 25°C ± 3°C


Similar Part No. - UNR212Y

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UNR2122 PANASONIC-UNR2122 Datasheet
108Kb / 5P
   Silicon NPN epitaxial planar type (Tr1) Silicon PNP epitaxial planar type (Tr2) For switching/digital circuits
More results

Similar Description - UNR212Y

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com