Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UNR9111J Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # UNR9111J
Description  Silicon PNP epitaxial planar type
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

UNR9111J Datasheet(HTML) 1 Page - Panasonic Semiconductor

  UNR9111J Datasheet HTML 1Page - Panasonic Semiconductor UNR9111J Datasheet HTML 2Page - Panasonic Semiconductor UNR9111J Datasheet HTML 3Page - Panasonic Semiconductor UNR9111J Datasheet HTML 4Page - Panasonic Semiconductor UNR9111J Datasheet HTML 5Page - Panasonic Semiconductor UNR9111J Datasheet HTML 6Page - Panasonic Semiconductor UNR9111J Datasheet HTML 7Page - Panasonic Semiconductor UNR9111J Datasheet HTML 8Page - Panasonic Semiconductor UNR9111J Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Transistors with built-in Resistor
1
Publication date: January 2004
SJH00038BED
UNR911xJ Series (UN911xJ Series)
Silicon PNP epitaxial planar type
For digital circuits
■ Features
• Costs can be reduced through downsizing of the equipment and
reduction of the number of parts.
• SS-Mini type package, allowing automatic insertion through tape
packing.
■ Resistance by Part Number
Marking Symbol (R1)(R2)
• UNR9110J (UN9110J)
6L
47 k
Ω
• UNR9111J (UN9111J)
6A
10 k
10 k
• UNR9112J (UN9112J)
6B
22 k
22 k
• UNR9113J (UN9113J)
6C
47 k
47 k
• UNR9114J (UN9114J)
6D
10 k
47 k
• UNR9115J (UN9115J)
6E
10 k
Ω
• UNR9116J (UN9116J)
6F
4.7 k
Ω
• UNR9117J (UN9117J)
6H
22 k
Ω
• UNR9118J (UN9118J)
6I
0.51 k
5.1 k
• UNR9119J (UN9119J)
6K
1 k
10 k
• UNR911AJ
6X
100 k
100 k
• UNR911BJ
6Y
100 k
Ω
• UNR911CJ
6Z
47 k
• UNR911DJ (UN911DJ) 6M
47 k
10 k
• UNR911EJ (UN911EJ)
6N
47 k
22 k
• UNR911FJ (UN911FJ)
6O
4.7 k
10 k
• UNR911HJ (UN911HJ) 6P
2.2 k
10 k
• UNR911LJ (UN911LJ)
6Q
4.7 k
4.7 k
• UNR911MJ
EI
2.2 k
47 k
• UNR911NJ
EW
4.7 k
47 k
• UNR911TJ (UN911TJ)
EY
22 k
47 k
• UNR911VJ
FC
2.2 k
2.2 k
■ Absolute Maximum Ratings T
a = 25°C
Note) The part numbers in the parenthesis show conventional part number.
0.27±0.02
3
12
0.12
+0.03
–0.01
1.60
+0.05
–0.03
1.00±0.05
(0.50)(0.50)
B
R1
R2
C
E
Internal Connection
Unit: mm
1: Base
2: Emitter
3: Collector
EIAJ: SC-89
SSMini3-F1 Package
Parameter
Symbol
Rating
Unit
Collector-base voltage (Emitter open)
VCBO
−50
V
Collector-emitter voltage (Base open)
VCEO
−50
V
Collector current
IC
−100
mA
Total power dissipation
PT
125
mW
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C


Similar Part No. - UNR9111J

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UNR911AJ PANASONIC-UNR911AJ Datasheet
188Kb / 14P
   Silicon PNP epitaxial planer transistor
UNR911BJ PANASONIC-UNR911BJ Datasheet
188Kb / 14P
   Silicon PNP epitaxial planer transistor
UNR911CJ PANASONIC-UNR911CJ Datasheet
188Kb / 14P
   Silicon PNP epitaxial planer transistor
More results

Similar Description - UNR9111J

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com