Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FASTENERCAP Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # FASTENERCAP
Description  Thermal performance for 45 W CPU
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FASTENERCAP Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  FASTENERCAP Datasheet HTML 1Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 2Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 3Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 4Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 5Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 6Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 7Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 8Page - Delta Electronics, Inc. FASTENERCAP Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 78 page
background image
Delta Electronics
Corp.
Form No.
︰tMP—D029
Form
Rev.
︰00
APPROVAL SHEET
Customer Name:
Model Name:
COOLER
Model Name:
FHS-A9015S00
Customer Part No:
Spec Issue Date:
2015/12/14
Spec Revision:
02
PLEASE SEND ONE COPY OF THIS SPECIFICATION BACK AFTER YOU
SIGNED APPROVAL FOR PRODUCTION PRE-ARRANGMENT.
Approved By:
Date:
Approval
Check
Designer
Skyler.Huang


Similar Part No. - FASTENERCAP

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FAS SCHURTER-FAS Datasheet
367Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
FAS SCHURTER-FAS Datasheet
249Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
logo
M-System Co.,Ltd.
FAS MSYSTEM-FAS Datasheet
132Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
logo
Schurter Inc.
FAS SCHURTER-FAS Datasheet
261Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 mm, Fingergrip, horizontal, PC1
04.01.2022
logo
M-System Co.,Ltd.
FAS-00-K MSYSTEM-FAS-00-K Datasheet
132Kb / 4P
   Space-saving Plug-in Signal Conditioners F-UNIT
More results

Similar Description - FASTENERCAP

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BT134T SEMTECH_ELEC-BT134T Datasheet
152Kb / 2P
   For high thermal cycling performance
logo
Advanced Thermal Soluti...
ATS-52150G-C1-R0 ATS-ATS-52150G-C1-R0_17 Datasheet
285Kb / 1P
   BGA Heat Sink - High Performance maxiFLOW w/Thermal Tape
Rev - 040517
ATS-56001-C1-R0 ATS-ATS-56001-C1-R0_12 Datasheet
415Kb / 1P
   High Performance ASIC Cooling Solutions w/Thermal Tape Attachment
Rev - 121101
ATS-54150D-C1-R0 ATS-ATS-54150D-C1-R0 Datasheet
383Kb / 1P
   High Performance BGA Cooling Solutions w/Thermal Tape Attachment
Rev - 121101
ATS-55150D-C1-R0 ATS-ATS-55150D-C1-R0 Datasheet
353Kb / 1P
   High Performance BGA Cooling Solutions w/Thermal Tape Attachment
Rev - 121101
ATS-56000-C1-R0 ATS-ATS-56000-C1-R0_12 Datasheet
445Kb / 1P
   121101High Performance ASIC Cooling Solutions w/Thermal Tape Attachment
Rev - 121101
ATS-52150B-C1-R0 ATS-ATS-52150B-C1-R0 Datasheet
284Kb / 1P
   BGA Heat Sink - High Performance maxiFLOW w/Thermal Tape
Rev - 040517
ATS-55325D-C1-R0 ATS-ATS-55325D-C1-R0 Datasheet
930Kb / 1P
   High Performance BGA Cooling Solutions w/ Thermal Tape Attachment
Rev - 121101
logo
STMicroelectronics
AN2551 STMICROELECTRONICS-AN2551 Datasheet
77Kb / 8P
   Configuring the STR91xFA MCU for optimum CPU performance
logo
Beckhoff Automation Gmb...
CX2100-0004 BECKHOFF-CX2100-0004 Datasheet
109Kb / 2P
   Power supply unit for CX20xx, 45 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com