Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSEV8388BF Datasheet(PDF) 8 Page - ATMEL Corporation

Part # TSEV8388BF
Description  ADC 8-bit 1 GSPS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSEV8388BF Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button TSEV8388BF Datasheet HTML 4Page - ATMEL Corporation TSEV8388BF Datasheet HTML 5Page - ATMEL Corporation TSEV8388BF Datasheet HTML 6Page - ATMEL Corporation TSEV8388BF Datasheet HTML 7Page - ATMEL Corporation TSEV8388BF Datasheet HTML 8Page - ATMEL Corporation TSEV8388BF Datasheet HTML 9Page - ATMEL Corporation TSEV8388BF Datasheet HTML 10Page - ATMEL Corporation TSEV8388BF Datasheet HTML 11Page - ATMEL Corporation TSEV8388BF Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 57 page
background image
8
TS8388B
2144C–BDC–04/03
Effective Number Of Bits
ENOB
–––
FS = 1 GSPS, FIN = 20 MHz
4
7.0
7.2
Bits
F
S = 1 GSPS, FIN = 500 MHz
4
6.6
6.8
Bits
FS = 1 GSPS, FIN = 1000 MHz (-1 dBFs)
4
6.2
6.4
Bits
FS = 50 MSPS, FIN = 25 MHz
1, 2, 6
7.0
7.2
Bits
Signal to Noise Ratio
SNR
–––
(2)
FS = 1 GSPS, FIN = 20 MHz
4
42
45
dB
FS = 1 GSPS, FIN = 500 MHz
4
41
44
dB
F
S = 1 GSPS, FIN = 1000 MHz (-1 dBFs)
4
41
44
dB
FS = 50 MSPS, FIN = 25 MHz
1, 2, 6
44
45
dB
Total Harmonic Distortion
THD
–––
(2)
F
S = 1 GSPS, FIN = 20 MHz
4
50
54
dB
FS = 1 GSPS, FIN = 500 MHz
4
46
50
dB
FS = 1 GSPS, FIN = 1000 MHz (-1 dBFs)
4
42
46
dB
F
S = 50 MSPS, FIN = 25 MHz
1, 2, 6
46
45
dB
Spurious Free Dynamic Range
SFDR
–––
(2)
F
S = 1 GSPS, FIN = 20 MHz
4
52
57
dBc
F
S = 1 GSPS, FIN = 500 MHz
4
47
52
dBc
FS = 1 GSPS, FIN = 1000 MHz (-1 dBFs)
4
42
47
dBc
F
S = 1 GSPS, FIN = 1000 MHz (-3 dBFs)
4
45
50
dBc
F
S = 50 MSPS, FIN = 25 MHz
1, 2, 6
40
54
dBc
Two-tone Inter-modulation Distortion
IMD
4
–––
(2)
F
IN1 = 489 MHz at FS = 1 GSPS,
FIN2 = 490 MHz at FS = 1 GSPS
-47
-52
dBc
Switching Performance and Charcteristics – See Figure 2 and Figure 3 on page 10
Maximum clock frequency
F
S
–1
1.4
GSPS
(14)
Minimum clock frequency
FS
4
10–50
MSPS
(15)
Minimum Clock pulse width (high)
TC1
4
0.280
0.500
50
ns
Minimum Clock pulse width (low)
TC2
4
0.350
0.500
50
ns
Aperture delay
Ta
4
100
+250
400
ps
(2)
Aperture uncertainty
Jitter
4
0.4
0.6
ps (rms)
(2)(5)
Data output delay
TDO
4
1150
1360
1660
ps
(2)(10)
(11)(12)
Output rise/fall time for DATA (20% – 80%)
TR/TF
4
250
350
550
ps
(11)
Output rise/fall time for DATA READY (20% –
80%)
TR/TF
4
250
350
550
ps
(11)
Table 3. Electrical Specifications (Continued)
Parameter
Symbol
Test
Level
Value
Unit
Note
Min
Typ
Max


Similar Part No. - TSEV8388BF

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TSEV8308500GL ATMEL-TSEV8308500GL Datasheet
491Kb / 50P
   ADC 8-bit 500 Msps
TSEV8308500GLZA2 ATMEL-TSEV8308500GLZA2 Datasheet
491Kb / 50P
   ADC 8-bit 500 Msps
TSEV83102G0BGL ATMEL-TSEV83102G0BGL Datasheet
1Mb / 56P
   10-bit 2 Gsps ADC
More results

Similar Description - TSEV8388BF

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT84AD001B ATMEL-AT84AD001B Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
logo
List of Unclassifed Man...
AT84AD001CVEPW ETC-AT84AD001CVEPW Datasheet
873Kb / 64P
   Dual 8-bit 1 Gsps ADC
logo
ATMEL Corporation
TS83102G0B ATMEL-TS83102G0B Datasheet
1Mb / 56P
   10-bit 2 Gsps ADC
AT84AS003 ATMEL-AT84AS003 Datasheet
157Kb / 8P
   10-bit 1.5 Gsps ADC With 1:4 DMUX
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
List of Unclassifed Man...
SPT7760 ETC-SPT7760 Datasheet
98Kb / 8P
   8-BIT, 1 GSPS FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
CDK1303 CADEKA-CDK1303 Datasheet
1Mb / 9P
   8-bit, 1 GSPS, Flash A/D Converter
SPT7760 CADEKA-SPT7760 Datasheet
282Kb / 8P
   8-BIT, 1 GSPS, FLASH A/D CONVERTER
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
Analog Devices
AD9209 AD-AD9209 Datasheet
120Kb / 5P
   Quad, 12-Bit, 4 GSPS RF ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com