Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS8388BCGL Datasheet(PDF) 3 Page - ATMEL Corporation

Part # TS8388BCGL
Description  ADC 8-bit 1 GSPS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8388BCGL Datasheet(HTML) 3 Page - ATMEL Corporation

  TS8388BCGL Datasheet HTML 1Page - ATMEL Corporation TS8388BCGL Datasheet HTML 2Page - ATMEL Corporation TS8388BCGL Datasheet HTML 3Page - ATMEL Corporation TS8388BCGL Datasheet HTML 4Page - ATMEL Corporation TS8388BCGL Datasheet HTML 5Page - ATMEL Corporation TS8388BCGL Datasheet HTML 6Page - ATMEL Corporation TS8388BCGL Datasheet HTML 7Page - ATMEL Corporation TS8388BCGL Datasheet HTML 8Page - ATMEL Corporation TS8388BCGL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
3
TS8388B
2144C–BDC–04/03
Specifications
Absolute
Maximum Ratings
Note:
Absolute maximum ratings are limiting values (referenced to GND = 0V), to be applied individually, while other parameters are
within specified operating conditions. Long exposure to maximum rating may affect device reliability. The use of a thermal heat
sink is mandatory. See “The board set comes fully assembled and tested, with the TS8388B installed.” on page 42.
Recommended
Operating
Conditions
Table 1. Absolute Maximum Ratings
Parameter
Symbol
Comments
Value
Unit
Positive supply voltage
VCC
GND to 6
V
Digital negative supply voltage
DV
EE
GND to -5.7
V
Digital positive supply voltage
VPLUSD
GND -0.3 to 2.8
V
Negative supply voltage
VEE
GND to -6
V
Maximum difference between negative supply voltage
DV
EE to VEE
0.3
V
Analog input voltages
VIN or VINB
-1 to +1
V
Maximum difference between VIN and VINB
VIN - VINB
-2 to +2
V
Digital input voltage
V
D
GORB
-0.3 to V
CC +0.3
V
Digital input voltage
VD
DRRB
VEE -0.3 to +0.9
V
Digital output voltage
VO
VPLUSD -3 to VPLUSD -0.5
V
Clock input voltage
V
CLK or VCLKB
-3 to +1.5
V
Maximum difference between VCLK and VCLKB
VCLK - VCLKB
-2 to +2
V
Maximum junction temperature
Tj
+135
°C
Storage temperature
T
stg
-65 to +150
°C
Lead temperature (soldering 10s)
Tleads
+300
°C
Table 2. Recommended Operating Conditions
Parameter
Symbol
Comments
Recommended Value
Unit
Min
Typ
Max
Positive supply voltage
V
CC
4.5
+5
5.25
V
Positive digital supply voltage
VPLUSD
ECL output compatibility
GND
V
Positive digital supply voltage
V
PLUSD
LVDS output compatibility
+1.4
+2.4
+2.6
V
Negative supply voltage
VEE, DVEE
-5.25-5-4.75
V


Similar Part No. - TS8388BCGL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS8308500 ATMEL-TS8308500 Datasheet
491Kb / 50P
   ADC 8-bit 500 Msps
TS8308500CGL ATMEL-TS8308500CGL Datasheet
491Kb / 50P
   ADC 8-bit 500 Msps
TS8308500VGL ATMEL-TS8308500VGL Datasheet
491Kb / 50P
   ADC 8-bit 500 Msps
logo
STMicroelectronics
TS831 STMICROELECTRONICS-TS831 Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831 STMICROELECTRONICS-TS831 Datasheet
263Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
More results

Similar Description - TS8388BCGL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT84AD001B ATMEL-AT84AD001B Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
logo
List of Unclassifed Man...
AT84AD001CVEPW ETC-AT84AD001CVEPW Datasheet
873Kb / 64P
   Dual 8-bit 1 Gsps ADC
logo
ATMEL Corporation
TS83102G0B ATMEL-TS83102G0B Datasheet
1Mb / 56P
   10-bit 2 Gsps ADC
AT84AS003 ATMEL-AT84AS003 Datasheet
157Kb / 8P
   10-bit 1.5 Gsps ADC With 1:4 DMUX
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
List of Unclassifed Man...
SPT7760 ETC-SPT7760 Datasheet
98Kb / 8P
   8-BIT, 1 GSPS FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
CDK1303 CADEKA-CDK1303 Datasheet
1Mb / 9P
   8-bit, 1 GSPS, Flash A/D Converter
SPT7760 CADEKA-SPT7760 Datasheet
282Kb / 8P
   8-BIT, 1 GSPS, FLASH A/D CONVERTER
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
Analog Devices
AD9209 AD-AD9209 Datasheet
120Kb / 5P
   Quad, 12-Bit, 4 GSPS RF ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com