Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

418217270902A Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 418217270902A
Description  2.54 mm compact THT right angled DIP Switch with raised actuator WS-DITU
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

418217270902A Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  418217270902A Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 418217270902A Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 418217270902A Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 418217270902A Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 418217270902A Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Classification Wave Soldering Profile:
Time
Tp
tp
Ts max
Ts typical
Ts min
First Wave
Preheat area
Cool down area
Second Wave
typical temperature procedure
min temperature procedure
max temperature procedure
Profile Feature
Pb-Free Assembly
Sn-Pb Assembly
Preheat Temperature Min 1)
Ts min
100 °C
100 °C
Preheat Temperature Typical
Ts typical 120 °C
120 °C
Preheat Temperature Max
Ts max
130 °C
130 °C
Preheat Time ts from Ts min to Ts max
ts
70 seconds
70 seconds
Ramp-up Rate
Δ T
150 °C max.
150 °C max.
Peak temperature
Tp
250 °C - 260 °C
235 °C - 260 °C
Time of actual peak temperature
tp
max. 10 seconds
max. 5 seconds each wave
max. 10 seconds
max. 5 seconds each wave
Ramp-down Rate, Min
~ 2 K/ second
~ 2 K/ second
Ramp-down Rate, Typical
~ 3.5 K/ second
~ 3.5 K/ second
Ramp-down Rate, Max
~ 5 K/ second
~ 5 K/ second
Time 25°C to 25°C
4 minutes
4 minutes
Classification Wave Soldering Profile:
1)
refer to EN61760-1:2006
refer to EN61760-1:2006
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
DaMa
Tig
DIN ISO 2768-1m
DESCRIPTION
2.54 mm compact THT right angled
DIP Switch with raised actuator
WS-DITU
ORDER CODE
418217270906A
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
001.001
Valid
2017-02-11
eiCan
3/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 418217270902A

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
418217270902A WURTH-418217270902A Datasheet
375Kb / 5P
   2.54 mm compact THT right angled DIP Switch with raised actuator WS-DITU
418217270902A WURTH-418217270902A Datasheet
376Kb / 5P
   2.54 mm compact THT right angled DIP Switch with raised actuator WS-DITU
418217270902A WURTH-418217270902A Datasheet
376Kb / 5P
   2.54 mm compact THT right angled DIP Switch with raised actuator WS-DITU
More results

Similar Description - 418217270902A

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
418217270903A WURTH-418217270903A Datasheet
376Kb / 5P
   2.54 mm compact THT right angled DIP Switch with raised actuator WS-DITU
418217270910A WURTH-418217270910A Datasheet
376Kb / 5P
   2.54 mm compact THT right angled DIP Switch with raised actuator WS-DITU
418217270902A WURTH-418217270902A Datasheet
375Kb / 5P
   2.54 mm compact THT right angled DIP Switch with raised actuator WS-DITU
418117270905 WURTH-418117270905 Datasheet
480Kb / 6P
   WS-DITV Compact THT Dip Switch
002.001
418117270906 WURTH-418117270906 Datasheet
480Kb / 6P
   WS-DITV Compact THT Dip Switch
002.001
418117270904 WURTH-418117270904 Datasheet
479Kb / 6P
   WS-DITV Compact THT Dip Switch
002.001
418117170903 WURTH-418117170903 Datasheet
427Kb / 6P
   WS-DITV Compact THT Dip Switch
001.001
418117270901 WURTH-418117270901 Datasheet
480Kb / 6P
   WS-DITV Compact THT Dip Switch
002.001
418117270902 WURTH-418117270902 Datasheet
479Kb / 6P
   WS-DITV Compact THT Dip Switch
002.001
418117270910 WURTH-418117270910 Datasheet
479Kb / 6P
   WS-DITV Compact THT Dip Switch
002.001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com