Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2793B-MFS Datasheet(PDF) 5 Page - ATMEL Corporation

Part # U2793B-MFS
Description  300 MHZ QUADRATURE MODULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2793B-MFS Datasheet(HTML) 5 Page - ATMEL Corporation

  U2793B-MFS Datasheet HTML 1Page - ATMEL Corporation U2793B-MFS Datasheet HTML 2Page - ATMEL Corporation U2793B-MFS Datasheet HTML 3Page - ATMEL Corporation U2793B-MFS Datasheet HTML 4Page - ATMEL Corporation U2793B-MFS Datasheet HTML 5Page - ATMEL Corporation U2793B-MFS Datasheet HTML 6Page - ATMEL Corporation U2793B-MFS Datasheet HTML 7Page - ATMEL Corporation U2793B-MFS Datasheet HTML 8Page - ATMEL Corporation U2793B-MFS Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
U2793B
4651C–CELL–07/04
4
RF Output, Pin 4
4.1
Output level
fLO = 150 MHz,
V
BBi = 1 Vpp, differential
f
LO = 50 MHz,
V
BBi = 0.3 Vpp, differential
P
RFo
- 3
-1
0
+2
dBm
A/B
4.2
LO suppression
P
LO = -20 dBM
LO
RFO
32
45
dB
A
4.3
Voltage standing wave ratio
VSWR
RF
1.4
2
D
4.4
Sideband suppression
(3)
SBS
RFo
35
45
dB
A
4.5
Phase error
(4)
Pe
< 1
deg
D
4.6
Amplitude error
Ae
< ±0.25
dB
D
4.7
Noise floor
V
BBi = 2 V, VBBi = 3 V
V
BBi = VBBi = 2.5 V
NFL
-137
-143
dBm/Hz
D
5
Power-up Mode
5.1
Supply current
V
PU ≤0.5 V, pins 6, 7
V
PU = 1 V
I
PU
10
1µA
D
5.2
Settling time
Pins 1 to 4, C
SPU = 100 pF
C
LO = 100 pF, CRFo = 1 nF
t
SPU
10
µs
D
6
Switching Voltage, Pin 1
6.1
Power on
V
PUON
4V
D
7
Reference Voltage, Pin 13
7.1
Voltage range
V
Ref
2.375
2.5
2.625
V
A
7.2
Output impedance
Zo
Ref
30
D
Electrical Characteristics (Continued)
Test conditions (unless otherwise specified); V
S = 5 V, Tamb = 25°C, referred to test circuit.
System impedance Zo = 50
Ω, f
LO =150 MHz, PLO = -15 dBm, VBBi = 1.0 Vpp, differential (Continued)
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
Notes:
1. Required LO level is a function of the LO frequency.
2. The LO input impedance is consisting of a 50
Ω resistor in series with a 15 pF capacitor.
3. With the pins 19 and 20 spurious performance especially for low frequency application can be improved by adding a chip
capacitor between LP1 and LP2. In conjunction with a parallel resistor the output level can be adjusted to the following
mixer stage without degration of LO suppression and noise performance which would decrease if the I/Q input level is
reduced
4. For T
amb = -40°C to +85°C and VS = 4.5 V to 5.5 V


Similar Part No. - U2793B-MFS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2793B-NFSG3H ATMEL-U2793B-NFSG3H Datasheet
329Kb / 13P
   300-MHz Quadrature Modulator
U2793B-NFSH ATMEL-U2793B-NFSH Datasheet
329Kb / 13P
   300-MHz Quadrature Modulator
More results

Similar Description - U2793B-MFS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2793B ATMEL-U2793B_06 Datasheet
329Kb / 13P
   300-MHz Quadrature Modulator
logo
Analog Devices
ADL5370 AD-ADL5370 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
logo
Skyworks Solutions Inc.
SKY73010 SKYWORKS-SKY73010 Datasheet
136Kb / 8P
   300 - 2500 MHz Direct Quadrature Modulator
logo
Texas Instruments
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI1-TRF37T05 Datasheet
1Mb / 40P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI-TRF37T05 Datasheet
1Mb / 36P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705 TI1-TRF3705 Datasheet
890Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
logo
ATMEL Corporation
U2790B ATMEL-U2790B Datasheet
228Kb / 15P
   1000-MHz QUADRATURE MODULATOR
logo
TEMIC Semiconductors
U2797B TEMIC-U2797B Datasheet
255Kb / 13P
   1000-MHz Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com