Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SJ2-358X-SMT Datasheet(PDF) 2 Page - CUI INC

Part # SJ2-358X-SMT
Description  reflow solder campatible
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SJ2-358X-SMT Datasheet(HTML) 2 Page - CUI INC

  SJ2-358X-SMT Datasheet HTML 1Page - CUI INC SJ2-358X-SMT Datasheet HTML 2Page - CUI INC SJ2-358X-SMT Datasheet HTML 3Page - CUI INC SJ2-358X-SMT Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
cui.com
CUI Inc
│ SERIES: SJ2-358X-SMT │ DESCRIPTION: AUDIO JACK
date 12/07/2016
│ page 2 of 4
MECHANICAL DRAWING
MATERIAL
PLATING
terminal 1
copper alloy
silver
terminal 2
copper alloy
silver
terminal 3
copper alloy
silver
terminal 10
brass
silver
plastic
PA10T
Recommended PCB Layout
Top View
Model No.
SJ2-3582B-SMT
SJ2-3583A-SMT
SJ2-3583B-SMT
Schematic
1
2
10
1
2
3
1
2
3
10
PIN
1
sleeve
sleeve
sleeve
2
tip
tip
tip
3
NP
ring
ring
10
tip switch
NP
tip switch
Ø3.5 MATING PLUG
units: mm
tolerance:
X.X ±0.2 mm
X.XX ±0.10 mm
X.XXX ±0.050 mm
PCB: ±0.05 mm
For more information, please visit the product page.


Similar Part No. - SJ2-358X-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ2-35812B-SMT CUI-SJ2-35812B-SMT Datasheet
557Kb / 4P
   narrow footprint
SJ2-35813A-SMT CUI-SJ2-35813A-SMT Datasheet
557Kb / 4P
   narrow footprint
SJ2-35813B-SMT CUI-SJ2-35813B-SMT Datasheet
557Kb / 4P
   narrow footprint
SJ2-3581X-SMT CUI-SJ2-3581X-SMT Datasheet
557Kb / 4P
   narrow footprint
SJ2-35825A-SMT CUI-SJ2-35825A-SMT Datasheet
502Kb / 4P
   reflow solder compatible
More results

Similar Description - SJ2-358X-SMT

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ2-2551X-SMT CUI-SJ2-2551X-SMT Datasheet
722Kb / 4P
   reflow solder compatible
SJ2-3582X-SMT CUI-SJ2-3582X-SMT Datasheet
502Kb / 4P
   reflow solder compatible
SJ2-3514A-SMT-TR CUI-SJ2-3514A-SMT-TR Datasheet
439Kb / 4P
   reflow solder compatible
SJ2-254X-SMT CUI-SJ2-254X-SMT Datasheet
602Kb / 4P
   reflow solder compatible
SJ2-2503A-SMT-TR CUI-SJ2-2503A-SMT-TR Datasheet
477Kb / 4P
   reflow solder compatible
SJ2-2592X-SMT CUI-SJ2-2592X-SMT Datasheet
632Kb / 4P
   reflow solder compatible
SJ2-359X-SMT CUI-SJ2-359X-SMT Datasheet
646Kb / 4P
   reflow solder compatible
logo
P-tec Corporation
PL00134-WCRB1811 P-TEC-PL00134-WCRB1811 Datasheet
1Mb / 9P
   Compatible with reflow solder process
PL00134-WCBY1106 P-TEC-PL00134-WCBY1106 Datasheet
1Mb / 9P
   Compatible with reflow solder process
PL00134-WCRG0817 P-TEC-PL00134-WCRG0817 Datasheet
1Mb / 9P
   Compatible with reflow solder process
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com