Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62102 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62102
Description  MULTIMODE LOW POWER BUCK CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62102 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS62102 Datasheet HTML 6Page - Texas Instruments TPS62102 Datasheet HTML 7Page - Texas Instruments TPS62102 Datasheet HTML 8Page - Texas Instruments TPS62102 Datasheet HTML 9Page - Texas Instruments TPS62102 Datasheet HTML 10Page - Texas Instruments TPS62102 Datasheet HTML 11Page - Texas Instruments TPS62102 Datasheet HTML 12Page - Texas Instruments TPS62102 Datasheet HTML 13Page - Texas Instruments TPS62102 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TPS62100, TPS62101, TPS62102, TPS62103
MULTIMODE LOW POWER BUCK CONVERTER
SLUS446B – MAY 2000 – REVISED DECEMBER 2000
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
f – Frequency – Hz
1
10
100
1 k
10 k
100 k
1 M
10 M
100 M
–50
0
50
100
150
200
Gain
Phase
–50
0
50
100
150
200
–100
–100
Figure 1. Error Amplifier Gain Phase Response
loop compensation and the TPS6210X series of converters
Feedback-loop compensation in the data sheet examples assumes that the output-filter capacitor is a
mulit-layer ceramic (MLC) type. With this type of output capacitor, the ESR zero will be too high in frequency
to use as part of the compensation network. This can complicate the loop compensation, especially in the
higher-switching frequency versions where error-amplifier bandwidth must be taken into consideration. A
typical PWM- and output-filter response plot is shown in Figure 2. Note the lightly-loaded circuit has a pair of
complex poles that cause the gain peaking and rapid-phase shift near the L-C resonant frequency.
The strategy that has been the best to date for designing a compensator for this circuit has been to use:
D an origin pole (no dc path from COMP to FB),
D a zero placed below the L-C resonance,
D a zero placed above the L-C resonance,
D and the remaining pole placed above the last zero.


Similar Part No. - TPS62102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62102 TI-TPS62102 Datasheet
365Kb / 25P
[Old version datasheet]   MULTIMODE LOW-POWER BUCK CONVERTER
TPS62102D TI-TPS62102D Datasheet
365Kb / 25P
[Old version datasheet]   MULTIMODE LOW-POWER BUCK CONVERTER
TPS62102DG4 TI-TPS62102DG4 Datasheet
365Kb / 25P
[Old version datasheet]   MULTIMODE LOW-POWER BUCK CONVERTER
More results

Similar Description - TPS62102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62100 TI-TPS62100_15 Datasheet
365Kb / 25P
[Old version datasheet]   MULTIMODE LOW-POWER BUCK CONVERTER
logo
Diodes Incorporated
AL17051 DIODES-AL17051 Datasheet
969Kb / 16P
   ULTRA-LOW STANDBY POWER HV BUCK CONVERTER
Rev. 2 - 2 October 2022
logo
Rohm
BD70522GUL ROHM-BD70522GUL Datasheet
2Mb / 28P
   Ultra Low Iq Buck Converter
logo
PREMA Semiconductor.
PR4103 PREMA-PR4103 Datasheet
416Kb / 8P
   High Power LED Buck Converter
logo
Texas Instruments
TPS63710 TI1-TPS63710 Datasheet
2Mb / 36P
[Old version datasheet]   Low Noise Synchronous Inverting Buck Converter
logo
Analog Intergrations Co...
AN012 AIC-AN012 Datasheet
340Kb / 7P
   Buck Converter
AN021 AIC-AN021 Datasheet
340Kb / 7P
   Buck Converter
logo
Infineon Technologies A...
IPU14N03L INFINEON-IPU14N03L Datasheet
109Kb / 8P
   OptiMOS Power-Transistor Buck converter series
2002-03-04
logo
Cypress Semiconductor
MB39C022G CYPRESS-MB39C022G Datasheet
809Kb / 29P
   Buck DC/DC Converter Low Noise LDO
logo
Major-Power Technology ...
MA5006 MPOWER-MA5006 Datasheet
249Kb / 2P
   1A, 1.2MHz Low Noise Sync. Buck Converter
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com