Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS0603MRX7RCBN103 Datasheet(PDF) 3 Page - YAGEO Corporation

Part # CS0603MRX7RCBN103
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CS0603MRX7RCBN103 Datasheet(HTML) 3 Page - YAGEO Corporation

  CS0603MRX7RCBN103 Datasheet HTML 1Page - YAGEO Corporation CS0603MRX7RCBN103 Datasheet HTML 2Page - YAGEO Corporation CS0603MRX7RCBN103 Datasheet HTML 3Page - YAGEO Corporation CS0603MRX7RCBN103 Datasheet HTML 4Page - YAGEO Corporation CS0603MRX7RCBN103 Datasheet HTML 5Page - YAGEO Corporation CS0603MRX7RCBN103 Datasheet HTML 6Page - YAGEO Corporation CS0603MRX7RCBN103 Datasheet HTML 7Page - YAGEO Corporation CS0603MRX7RCBN103 Datasheet HTML 8Page - YAGEO Corporation CS0603MRX7RCBN103 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
19
NPO & X7R
Soft Termination
16V to 3KV
Surface-Mount Ceramic Multilayer Capacitors
Product specification
www.yageo.com
Jan. 26, 2017 V.3
CONSTRUCTION
The capacitor consists of a rectangular block of ceramic dielectric in which a number of interleaved metal
electrodes are contained. This structure gives rise to a high capacitance per unit volume.
The inner electrodes are connected to the two end flexible terminations and finally covered with a layer of
plated tin (NiSn).
The terminations are lead-free. A cross section of the structure is shown in Fig.1 and Fig.2.
Fig. 1 Surface mounted multilayer ceramic capacitor construction
TYPE
L1 (mm)
W (mm)
T (mm)
L2/L3(mm)
min
L2/L3(mm)
max
L4(mm)
min
Dimension
code
0402
1.0 ± 0.15
0.5 ± 0.15
0.50 ± 0.15
0.10
0.35
0.30
CA
0603
1.6 ± 0.20
0.8 ± 0.15
0.80 ± 0.15
0.20
0.65
0.50
DA
1.6 ± 0.25
0.8 ± 0.25
0.80 ± 0.25
0.20
0.85
0.20
DB
0805
2.0 ± 0.3
1.25 ± 0.2
0.60 ± 0.15
0.25
0.75
0.70
EA
0.85 ± 0.15
EB
1.25 ± 0.20
EC
1.25 ± 0.25
1.25 ± 0.25
0.25
0.85
0.50
ED
1206
3.2 ± 0.4
1.6 ± 0.2
0.60 ± 0.15
0.25
0.85
1.50
FA
0.85 ± 0.15
FB
1.15 ± 0.20
FC
1.25 ± 0.20
FD
1.60 ± 0.20
FE
1.6 ± 0.3
1.60 ± 0.30
0.25
1.00
1.20
FF
1210
3.2 ± 0.5
2.5 ± 0.3
0.85 ± 0.20
0.25
0.85
1.40
GA
1.15 ± 0.30
GB
1.25+/-0.20
GC
1.25+/-0.30
GD
1.60+/-0.30
GE
2.00+/-0.30
GF
2.5 ± 0.3
0.25
1.0
1.2
GG
1808 4.5+0.6/-0.4 2.0+/-0.4
1.25+/-0.20
0.25
0.85
2.20
HA
1.35+/-0.40
HB
1.60+/-0.20
HC
1.60+/-0.40
HD
2.00+/-0.40
HE
1812 4.5+0.6/-0.4 3.2+/-0.4
0.85+/-0.30
0.25
0.85
2.20
IA
1.15+/-0.40
IB
1.25+/-0.20
IC
1.25+/-0.40
ID
1.35+/-0.40
IE
1.60+/-0.40
IF
DIMENSION
Table 1 For outlines see fig. 3
O
OU
UT
TL
LIIN
NE
ES
S
For dimension see Table 1
Fig. 3 Surface
mounted multilayer ceramic
capacitor dimension
YNM0049
Copper
Ni Plating
Sn Plating
Soft electrode
(Stress relaxation)
Fig. 2 Concept of soft termination


Similar Part No. - CS0603MRX7RCBN103

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
CS0603 PREMO-CS0603 Datasheet
382Kb / 2P
   Ceramic Chip Inductor 0603 High Q(1.6nH-390nH)
CS0603-100++ PREMO-CS0603-100+ Datasheet
382Kb / 2P
   Ceramic Chip Inductor 0603 High Q(1.6nH-390nH)
CS0603-101++ PREMO-CS0603-101+ Datasheet
382Kb / 2P
   Ceramic Chip Inductor 0603 High Q(1.6nH-390nH)
CS0603-110++ PREMO-CS0603-110+ Datasheet
382Kb / 2P
   Ceramic Chip Inductor 0603 High Q(1.6nH-390nH)
CS0603-111++ PREMO-CS0603-111+ Datasheet
382Kb / 2P
   Ceramic Chip Inductor 0603 High Q(1.6nH-390nH)
More results

Similar Description - CS0603MRX7RCBN103

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com