Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PYB15-U Datasheet(PDF) 6 Page - CUI INC

Part # PYB15-U
Description  DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYB15-U Datasheet(HTML) 6 Page - CUI INC

  PYB15-U Datasheet HTML 1Page - CUI INC PYB15-U Datasheet HTML 2Page - CUI INC PYB15-U Datasheet HTML 3Page - CUI INC PYB15-U Datasheet HTML 4Page - CUI INC PYB15-U Datasheet HTML 5Page - CUI INC PYB15-U Datasheet HTML 6Page - CUI INC PYB15-U Datasheet HTML 7Page - CUI INC PYB15-U Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
cui.com
CUI Inc
│ SERIES: PYB15-T & PYB15-U │ DESCRIPTION: DC-DC CONVERTER
date 06/15/2015
│ page 6 of 8
Recommended external circuit components
Vin (Vdc)
24
48
FUSE
Choose according to input current
MOV
S14K35
S14K60
LDM1
4.7μH
4.7μH
C0
330μF/50V
330μF/100V
C1
1μF/50V
1μF/100V
CY1
1nF/2kV
1nF/2kV
CY2
1nF/2kV
1nF/2kV
EMC RECOMMENDED CIRCUIT
LDM1
C0
MOV
FUSE
(a)
(b)
C1
Vin
GND
+
Vin
GND
+Vo
-Vo
(0V)
DC /DC
CY1
CY2
Cout
LOAD
Figure 1
Table 1
DERATING CURVES
100
80
60
40
20
Ambient Temperature (°C)
-40-20
0204060
85
65
Safe operating area
Without heatsink
With heatsink
Note:
1. See Table 2 for Cout values.
For more information, please visit the product page.


Similar Part No. - PYB15-U

ManufacturerPart #DatasheetDescription
logo
CUI INC
PYB15-U CUI-PYB15-U Datasheet
1Mb / 8P
   DC-DC CONVERTER
08/18/2021
More results

Similar Description - PYB15-U

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com