Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA0312 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0312
Description  2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0312 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPA0312 Datasheet HTML 21Page - Texas Instruments TPA0312 Datasheet HTML 22Page - Texas Instruments TPA0312 Datasheet HTML 23Page - Texas Instruments TPA0312 Datasheet HTML 24Page - Texas Instruments TPA0312 Datasheet HTML 25Page - Texas Instruments TPA0312 Datasheet HTML 26Page - Texas Instruments TPA0312 Datasheet HTML 27Page - Texas Instruments TPA0312 Datasheet HTML 28Page - Texas Instruments TPA0312 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
www.ti.com
CREST FACTOR AND THERMAL CONSIDERATIONS
P
dB +
10Log
P
W
P
ref
+ 10Log
4 W
1 W
+ 6 dB
(9)
P
W
+ 10PdB 10
P
ref
+ 63 mW (18−dB crest factor)
+ 125 mW (15−dB crest factor)
+ 250 mW (9−dB crest factor)
+ 500 mW (6−dB crest factor)
+ 1000 mW (3−dB crest factor)
+ 2000 mW (15−dB crest factor)
(10)
TPA0312
SLOS335A – DECEMBER 2000 – REVISED OCTOBER 2004
A final point to remember about Class-AB amplifiers (either SE or BTL) is how to manipulate the terms in the
efficiency equation to utmost advantage when possible. Note that in Equation 8, VDD is in the denominator. This
indicates that as VDD goes down, efficiency goes up.
Class-AB power amplifiers dissipate a significant amount of heat in the package under normal operating
conditions. A typical music CD requires 12 dB to 15 dB of dynamic range, or headroom above the average power
output, to pass the loudest portions of the signal without distortion. In other words, music typically has a crest
factor between 12 dB and 15 dB. When determining the optimal ambient operating temperature, the internal
dissipated power at the average output power level must be used. From the TPA0312 data sheet, one can see
that when the TPA0312 is operating from a 5-V supply into a 3-
Ω speaker, 4-W peaks are available. Converting
watts to dB:
Subtracting the headroom restriction to obtain the average listening level without distortion yields:
6 dB - 15 dB = -9 dB (15-dB crest factor)
6 dB - 12 dB = -6 dB (12-dB crest factor)
6 dB - 9 dB = -3 dB (9-dB crest factor)
6 dB - 6 dB = 0 dB (6-dB crest factor)
6 dB - 3 dB = 3 dB (3-dB crest factor)
Converting dB back into watts:
25


Similar Part No. - TPA0312

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0312 TI1-TPA0312 Datasheet
894Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0312PWP TI1-TPA0312PWP Datasheet
894Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0312PWPR TI1-TPA0312PWPR Datasheet
894Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0312PWPRG4 TI1-TPA0312PWPRG4 Datasheet
894Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0312 TI1-TPA0312_16 Datasheet
894Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
More results

Similar Description - TPA0312

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0212 TI-TPA0212_07 Datasheet
809Kb / 35P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0212 TI-TPA0212_15 Datasheet
975Kb / 38P
[Old version datasheet]   STEREO 2.6-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0312 TI1-TPA0312_16 Datasheet
894Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0122 TI1-TPA0122_16 Datasheet
1,004Kb / 37P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412 EUTECH-EUA6412 Datasheet
676Kb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0112 TI1-TPA0112_16 Datasheet
647Kb / 36P
[Old version datasheet]   2.6-W STEREO AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS
logo
Eutech Microelectronics...
EUA6412A EUTECH-EUA6412A Datasheet
1Mb / 18P
   2.6-W Stereo Audio Power Amplifier with Four Selectable Gain Settings
logo
Texas Instruments
TPA0212 TI-TPA0212 Datasheet
475Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
TPA0222 TI-TPA0222 Datasheet
522Kb / 33P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
logo
Unisonic Technologies
PA3212 UTC-PA3212_09 Datasheet
485Kb / 9P
   2.6W STEREO AUDIO AMPLIFIER WITH FOUR SELECTABLE GAIN SETTINGS AND MUX CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com