Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACS722LLCTR-20AU-T2 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ACS722LLCTR-20AU-T2
Description  High Accuracy, Galvanically Isolated Current Sensor IC With Small Footprint SOIC8 Package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS722LLCTR-20AU-T2 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ACS722LLCTR-20AU-T2 Datasheet HTML 1Page - Allegro MicroSystems ACS722LLCTR-20AU-T2 Datasheet HTML 2Page - Allegro MicroSystems ACS722LLCTR-20AU-T2 Datasheet HTML 3Page - Allegro MicroSystems ACS722LLCTR-20AU-T2 Datasheet HTML 4Page - Allegro MicroSystems ACS722LLCTR-20AU-T2 Datasheet HTML 5Page - Allegro MicroSystems ACS722LLCTR-20AU-T2 Datasheet HTML 6Page - Allegro MicroSystems ACS722LLCTR-20AU-T2 Datasheet HTML 7Page - Allegro MicroSystems ACS722LLCTR-20AU-T2 Datasheet HTML 8Page - Allegro MicroSystems ACS722LLCTR-20AU-T2 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
High Accuracy, Galvanically Isolated Current Sensor IC
With Small Footprint SOIC8 Package
ACS722
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Selection Guide
Part Number
IPR (A)
Sens(Typ)
at VCC = 3.3 V
(mV/A)
TA (°C)
Packing1
ACS722LLCTR-05AB-T2
±5
264
-40 to 150
Tape and Reel, 3000 pieces per reel
ACS722LLCTR-10AU-T2
10
ACS722LLCTR-10AB-T2
±10
132
ACS722LLCTR-20AU-T2
20
ACS722LLCTR-20AB-T2
±20
66
ACS722LLCTR-40AU-T2
40
ACS722LLCTR-40AB-T2
±40
33
1
Contact Allegro for additional packing options.
2
Variant not intended for automotive applications.
which is compatible with standard lead (Pb) free printed circuit
board assembly processes. Internally, the device is Pb-free, except
for flip-chip high-temperature Pb-based solder balls, currently
exempt from RoHS. The device is fully calibrated prior to shipment
from the factory.
Description (continued)
• Output voltage proportional to AC or DC current
• Factory-trimmed sensitivity and quiescent output voltage for
improved accuracy
• Chopper stabilization results in extremely stable quiescent
output voltage
• Nearly zero magnetic hysteresis
• Ratiometric output from supply voltage
Features and Benefits (continued)


Similar Part No. - ACS722LLCTR-20AU-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS722KMA ALLEGRO-ACS722KMA Datasheet
586Kb / 17P
   High Accuracy, Hall-effect Based Current Sensor IC in High Isolation SOIC16 Package
ACS722KMATR-10AB-T ALLEGRO-ACS722KMATR-10AB-T Datasheet
586Kb / 17P
   High Accuracy, Hall-effect Based Current Sensor IC in High Isolation SOIC16 Package
ACS722KMATR-20AB-T ALLEGRO-ACS722KMATR-20AB-T Datasheet
586Kb / 17P
   High Accuracy, Hall-effect Based Current Sensor IC in High Isolation SOIC16 Package
ACS722KMATR-40AB-T ALLEGRO-ACS722KMATR-40AB-T Datasheet
586Kb / 17P
   High Accuracy, Hall-effect Based Current Sensor IC in High Isolation SOIC16 Package
More results

Similar Description - ACS722LLCTR-20AU-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS723 ALLEGRO-ACS723 Datasheet
686Kb / 22P
   High Accuracy, Galvanically Isolated Current Sensor IC
ACS720 ALLEGRO-ACS720 Datasheet
1Mb / 35P
   High Accuracy, Dual Fault, Galvanically Isolated Current Sensor in SOIC16 Wide-Body Package
ACS724 ALLEGRO-ACS724 Datasheet
620Kb / 25P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
ACS725 ALLEGRO-ACS725 Datasheet
629Kb / 19P
   Automotive-Grade, Galvanically Isolated Current Sensor IC
ACS773 ALLEGRO-ACS773_V01 Datasheet
2Mb / 32P
   High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 μΩ Current Conductor
August 12, 2021
ACS730 ALLEGRO-ACS730 Datasheet
883Kb / 18P
   1 MHz Bandwidth, Galvanically Isolated Current Sensor IC
ACS773 ALLEGRO-ACS773 Datasheet
1Mb / 26P
   High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
ACS772 ALLEGRO-ACS772 Datasheet
2Mb / 41P
   High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 關廓 Current Conductor
ACS732KMA ALLEGRO-ACS732KMA Datasheet
2Mb / 22P
   1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
ACS732 ALLEGRO-ACS732 Datasheet
2Mb / 37P
   1 MHz Bandwidth, Galvanically Isolated Current Sensor IC in SOIC-16 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com