Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D6KB10 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # D6KB10
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

D6KB10 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  D6KB10 Datasheet HTML 1Page - HY ELECTRONIC CORP. D6KB10 Datasheet HTML 2Page - HY ELECTRONIC CORP. D6KB10 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Glass passivated chip junction
High case dielectric strength
High surge current capability
ldeal for printed circuit board
MACHANICAL DATA
Terminal:Plated leads solderable per MIL-STD 202E,
Method 208C
Case:UL-94 Class V-0 recognized Flane Retardant Epoxy
Polarity:Polarity symbol marked on body
Mounting position:any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
SYMBOL D6KB05
D6KB1
D6KB2
D6KB4
D6KB6
D6KB8
D6KB10
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Output Current
@ TC=140℃ (with heatsink)
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 6.0A DC
VF
V
I
2t Rating for Fusing (t<8.3ms)
I
2t
A
2s
Typical Thermal Resistance to Ambient
RθJA
Typical Thermal Resistance to case
RθJC
Typical Thermal Resistance to lead
RθJL
Maximum DC Reverse Current
@ TJ =25℃
at Rated DC Blocking Voltage
@ TJ =125℃
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
NOTES:The typical data above is for reference only(典型值仅供参考).
Rev. 8, 16-Mar-2017
IFSM
170
A
D6KB05 thru D6KB10
GLASS PASSIVATED
REVERSE VOLTAGE
- 50
to 1000Volts
FORWARD CURRENT
- 6.0
Amperes
BRIDGE RECTIFIERS
Dimensions in inches and (milimeters)
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
I(AV)
A
6
1.0
119.9
45
/W
6
9
-55 to +150
-55 to +150
IR
5.0
μA
500
D3K
R2
~
~
-
+
4
3
2
1
4
3
2
1
.531(13.5)
.555(14.1)
.059(1.5)
.043(1.1)
.049(1.25)
.041(1.05)
.034(0.86)
.026(0.66)
.162
.138
(3.51)
(4.11)(4.11)
(3.51)
.138
.162
(4.11)
(3.51)
.138
.162
.057(1.45)
.110(2.8)
.094(2.4)
.130(3.3)
.114(2.9)
.055(1.4)
.039(1.0)
.094(2.4)
.071(1.8)
.024(0.6)
.016(0.4)


Similar Part No. - D6KB10

ManufacturerPart #DatasheetDescription
logo
Bytesonic Electronics C...
D6KB10 BYTESONIC-D6KB10 Datasheet
224Kb / 2P
   GLASS PASSIVATED BRIDGERECTIFIERS
logo
HY ELECTRONIC CORP.
D6KB10 HY-D6KB10 Datasheet
475Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Zibo Seno Electronic En...
D6KB10 ZSELEC-D6KB10 Datasheet
118Kb / 2P
   6.0A BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
D6KB10 YFWDIODE-D6KB10 Datasheet
460Kb / 3P
   6.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
D6KB10 ZSELEC-D6KB10 Datasheet
104Kb / 2P
   6.0A BRIDGE RECTIFIER
More results

Similar Description - D6KB10

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com