Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8837EEJTR-T Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # A8837EEJTR-T
Description  Photoflash Capacitor Charger with IGBT Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8837EEJTR-T Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button A8837EEJTR-T Datasheet HTML 3Page - Allegro MicroSystems A8837EEJTR-T Datasheet HTML 4Page - Allegro MicroSystems A8837EEJTR-T Datasheet HTML 5Page - Allegro MicroSystems A8837EEJTR-T Datasheet HTML 6Page - Allegro MicroSystems A8837EEJTR-T Datasheet HTML 7Page - Allegro MicroSystems A8837EEJTR-T Datasheet HTML 8Page - Allegro MicroSystems A8837EEJTR-T Datasheet HTML 9Page - Allegro MicroSystems A8837EEJTR-T Datasheet HTML 10Page - Allegro MicroSystems A8837EEJTR-T Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Photoflash Capacitor Charger with IGBT Driver
A8837
11
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Package EJ, 10-Contact TDFN/MLP
2.38
10
10
2
1
2
1
A
A Terminal #1 mark area
B Exposed thermal pad (reference only, terminal #1
identifier appearance at supplier discretion)
For Reference Only
(reference JEDEC MO-229WEED)
Dimensions in millimeters
Exact case and lead configuration at supplier discretion within limits shown
C Reference land pattern layout (reference
IPC7351 SON50P300X300X80-11WEED3M);
All pads a minimum of 0.20 mm from all adjacent pads; adjust as
necessary to meet application process requirements and PCB layout
tolerances; when mounting on a multilayer PCB, thermal vias at the
exposed thermal pad land can improve thermal dissipation (reference
EIA/JEDEC Standard JESD51-5)
B
PCB Layout Reference View
1.65
2.38
0.30
1
10
0.50
0.85
3.10
C
1.65
C
0.08
11X
C
SEATING
PLANE
D
0.25 +0.05
–0.07
0.50
0.75 ±0.05
3.00 ±0.15
3.00 ±0.15
0.40 ±0.10
Copyright ©2008, Allegro MicroSystems, Inc.
The products described here are manufactured under one or more U.S. patents or U.S. patents pending.
Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to per-
mit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that the
information being relied upon is current.
Allegro’s products are not to be used in life support devices or systems, if a failure of an Allegro product can reasonably be expected to cause the
failure of that life support device or system, or to affect the safety or effectiveness of that device or system.
The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use;
nor for any infringement of patents or other rights of third parties which may result from its use.
For the latest version of this document, visit our website:
www.allegromicro.com


Similar Part No. - A8837EEJTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8835 ALLEGRO-A8835 Datasheet
472Kb / 15P
   The A8835 is a highly integrated IC that charges photoflash capacitors for digital and film cameras.
A8835EEJTR-T ALLEGRO-A8835EEJTR-T Datasheet
472Kb / 15P
   The A8835 is a highly integrated IC that charges photoflash capacitors for digital and film cameras.
More results

Similar Description - A8837EEJTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8438 ALLEGRO-A8438 Datasheet
528Kb / 13P
   Photoflash Capacitor Charger with IGBT Driver
A8438 ALLEGRO-A8438_13 Datasheet
550Kb / 15P
   Photoflash Capacitor Charger with IGBT Driver
A8438 ALLEGRO-A8438_06 Datasheet
578Kb / 15P
   Photoflash Capacitor Charger with IGBT Driver
A8436 ALLEGRO-A8436 Datasheet
702Kb / 14P
   Photoflash Capacitor Charger with IGBT Driver
logo
Richtek Technology Corp...
RT9591 RICHTEK-RT9591 Datasheet
298Kb / 13P
   Smart Photoflash Capacitor Charger with IGBT Driver
logo
Allegro MicroSystems
A8426EESTR-T ALLEGRO-A8426EESTR-T Datasheet
445Kb / 16P
   High Performance Photoflash Capacitor Charger with IGBT Driver
A8439 ALLEGRO-A8439 Datasheet
567Kb / 14P
   Photoflash Capacitor Charger with IGBT Driver and Refresh
A8437ECGLT ALLEGRO-A8437ECGLT Datasheet
644Kb / 22P
   Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
logo
Richtek Technology Corp...
RT9595 RICHTEK-RT9595 Datasheet
153Kb / 9P
   MOSFET Integrated Smart Photoflash Capacitor Charger with IGBT Driver
RT9594A RICHTEK-RT9594A Datasheet
219Kb / 10P
   MOSFET Integrated Smart Photoflash Capacitor Charger with IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com